Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 51 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 51 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 44Page - Linear Technology LTC2000_15 Datasheet HTML 45Page - Linear Technology LTC2000_15 Datasheet HTML 46Page - Linear Technology LTC2000_15 Datasheet HTML 47Page - Linear Technology LTC2000_15 Datasheet HTML 48Page - Linear Technology LTC2000_15 Datasheet HTML 49Page - Linear Technology LTC2000_15 Datasheet HTML 50Page - Linear Technology LTC2000_15 Datasheet HTML 51Page - Linear Technology LTC2000_15 Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
LTC2000
51
2000f
For more information www.linear.com/LTC2000
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
package Description
S
R
Q
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
10
9
8
7
PACKAGE TOP VIEW
4
PIN “A1”
CORNER
Y
X
aaa Z
aaa Z
DETAIL A
PACKAGE BOTTOM VIEW
3
SEE NOTES
PIN 1
BGA Package
170-Lead (15.00mm
× 9.00mm × 1.54mm)
(Reference LTC DWG# 05-08-1890 Rev B)
BGA 170 1112 REV B
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
BALL DESIGNATION PER JESD MS-028 AND JEP95
4
3
DETAILS OF PIN #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PIN #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
DETAIL A
Øb (170 PLACES)
DETAIL B
SUBSTRATE
A
A1
b1
ccc Z
DETAIL B
PACKAGE SIDE VIEW
MOLD
CAP
Z
M
X Y
Z
ddd
M Z
eee
SYMBOL
A
A1
A2
b
b1
D
E
e
F
G
H1
H2
aaa
bbb
ccc
ddd
eee
MIN
1.39
0.35
1.04
0.45
0.35
0.39
0.65
NOM
1.54
0.40
1.14
0.50
0.40
15.00
9.00
0.80
12.80
7.20
0.44
0.70
MAX
1.69
0.45
1.24
0.55
0.45
0.49
0.75
0.15
0.10
0.12
0.15
0.08
NOTES
DIMENSIONS
TOTAL NUMBER OF BALLS: 170
A2
D
E
e
e
b
F
G
SUGGESTED PCB LAYOUT
TOP VIEW
0.00
3.20
3.20
6.40
4.00
4.00
4.80
4.80
5.60
5.60
6.40
0.80
0.80
1.60
1.60
2.40
2.40
5.35
5.85
LTXXXXXX
H2
H1
b
5. PRIMARY DATUM -Z- IS SEATING PLANE
6. SOLDER BALL COMPOSITION CAN BE 96.5% Sn/3.0% Ag/0.5% Cu
OR Sn Pb EUTECTIC
0.40 ±0.025 Ø 170x
7
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY
!
7
SEE NOTES
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com