Electronic Components Datasheet Search
  English  ▼

X  

LTC2000 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 20Page - Linear Technology LTC2000_15 Datasheet HTML 21Page - Linear Technology LTC2000_15 Datasheet HTML 22Page - Linear Technology LTC2000_15 Datasheet HTML 23Page - Linear Technology LTC2000_15 Datasheet HTML 24Page - Linear Technology LTC2000_15 Datasheet HTML 25Page - Linear Technology LTC2000_15 Datasheet HTML 26Page - Linear Technology LTC2000_15 Datasheet HTML 27Page - Linear Technology LTC2000_15 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
LTC2000
24
2000f
For more information www.linear.com/LTC2000
operation
Table 2. Full-Scale Gain Adjustment
ADDRESS
BIT
NAME
DESCRIPTION
0x09
[5:0] GAIN_ADJ
GAIN_ADJ (HEX)
GAIN_ADJ (DECIMAL)
GAIN ADJUSTMENT
FULL-SCALE CURRENT
(RFSADJ = 500Ω, VREFIO = 1.25V)
0x1F
+31
89.2%
35.68mA
0x1E
+30
89.5%
35.80mA
—
—
—
—
0x01
+1
99.6%
39.84mA
0x00
0
100.0%
40.00mA
0x3F
–1
100.4%
40.16mA
—
—
—
—
0x21
–31
113.8%
45.51mA
0x20
–32
114.3%
45.71mA
Note: Register 0x09 resets to 0x00 (default).
DAC Transfer Function
The LTC2000 contains an array of current sources that
are steered through differential switches to either IOUTP or
IOUTN,dependingontheDACcodeprogrammedthroughthe
LVDSparallelinterface.TheLTC2000usesa16-/14-/11-bit
two’s complement DAC code. The complementary current
outputs, IOUTP and IOUTN, source current from 0mA to
IOUTFS. For IOUTFS = 40mA (nominal), IOUTP swings from
0mA (for zero-scale DAC code) to 40mA (for full-scale
DAC code). IOUTN is complementary to IOUTP. When the
DAC code is set to mid-scale (all zeros), IOUTFS is evenly
divided between IOUTP and IOUTN. IOUTP and IOUTN are
given by the following formulas:
LTC2000-16:
IOUTP = IOUTFS • (CODE + 32768)/65536 + IOUTCM
IOUTN = IOUTFS • (32768 – CODE – 1)/65536 + IOUTCM
LTC2000-14:
IOUTP = IOUTFS • (CODE + 8192)/16384 + IOUTCM
IOUTN = IOUTFS • (8192 – CODE – 1/4)/16384 + IOUTCM
LTC2000-11:
IOUTP = IOUTFS • (CODE + 1024)/2048 + IOUTCM
IOUTN = IOUTFS • (1024 – CODE – 1/32)/2048 + IOUTCM
The DAC code ranges from –2N-1 to 2N-1 – 1, with N
being the DAC resolution (16/14/11). IOUTCM is a small,
constant common-mode output current that is equal to
approximately 0.2% full-scale, or 80µA for IOUTFS=40mA.
The LTC2000 differential output currents typically drive a
resistive load either directly or drive an equivalent resistive
loadthroughatransformer(seetheOutputConfigurations
section). The voltage outputs generated by the IOUTP and
IOUTN outputs currents are then:
VOUTP = IOUTP • RLOAD
VOUTN = IOUTN • RLOAD
VDIFF = VOUTP – VOUTN = (IOUTP-IOUTN) • RLOAD
Substituting the values above gives:
LTC2000-16:
VDIFF = VREFIO • (RLOAD/RFSADJ) • (2 • CODE + 1)/4096
LTC2000-14:
VDIFF = VREFIO • (RLOAD/RFSADJ) • (2 • CODE + 1/4)/1024
LTC2000-11:
VDIFF = VREFIO • (RLOAD/RFSADJ) • (2 • CODE + 1/32)/128
Note that the gain of the DAC depends on the ratio of RLOAD
to RFSADJ, and the gain error tempco is affected by the
temperature tracking of RLOAD with RFSADJ.
Analog Outputs (IOUTP/N)
Thetwocomplementaryanalogoutputs(IOUTP/N)havelow
output capacitance that, with appropriate RLOAD values,
canachievehighoutputbandwidthsof2.1GHz.Theanalog
outputs also have an internal impedance of 50Ω to GND
that will affect the calculation of RLOAD and the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com