Electronic Components Datasheet Search
  English  ▼

X  

RT9088 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9088
Description  DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9088 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9088 Datasheet HTML 1Page - Richtek Technology Corporation RT9088 Datasheet HTML 2Page - Richtek Technology Corporation RT9088 Datasheet HTML 3Page - Richtek Technology Corporation RT9088 Datasheet HTML 4Page - Richtek Technology Corporation RT9088 Datasheet HTML 5Page - Richtek Technology Corporation RT9088 Datasheet HTML 6Page - Richtek Technology Corporation RT9088 Datasheet HTML 7Page - Richtek Technology Corporation RT9088 Datasheet HTML 8Page - Richtek Technology Corporation RT9088 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9088
4
DS9088-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Control Input Voltage, VCNTL ------------------------------------------------------------------------------------------ 2.9V to 5.5V
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 1.1V to 3.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN, VCNTL -------------------------------------------------------------------------------------------
−0.3V to 6V
Input Voltage, EN, REFIN, SENSE -----------------------------------------------------------------------------------
−0.3V to 6V
Output Voltage, VOUT, REFOUT, PGOOD --------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------------- 3.27W
Package Thermal Resistance (Note 2)
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 30.5°C/W
WDFN-10L 3x3,
θJC ------------------------------------------------------------------------------------------------------- 7.5°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
(VIN = 1.5V, VEN = VCNTL = 3.3V, VREFIN = VSENSE = 0.75V, COUT = 10
μF x 3, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
VCNTL Supply Current
IVCNTL
VEN = VCNTL, No Load
--
0.7
1
mA
VEN = 0V, VREFIN = 0V, No Load
--
65
80
A
VCNTL Shutdown Current
ISHDN_VCNTL
VEN = 0V, VREFIN > 0.4V, No Load
--
200
400
A
VIN Supply Current
IVIN
VEN = VCNTL, No Load
--
1
50
A
VIN Shutdown Current
ISHDN_VIN
VEN = 0V, No Load
--
0.1
50
A
Output
VIN = 1.5V, VREFIN = 0.75V,
IOUT = 0A
--
0.75
--
V
VIN = 1.35V, VREFIN = 0.675V,
IOUT = 0A
--
0.675
--
V
VTT Output Voltage
VOUT
VIN = 1.2V, VREFIN = 0.6V,
IOUT = 0A
--
0.6
--
V
IOUT = ±2A, VLDOIN = 1.5V,
VREFOUT = 0.75V
25
--
25
IOUT = ±2A, VLDOIN = 1.35V,
VREFOUT = 0.675V
25
--
25
REFIN, VTT Output
Voltage Offset
VOUT_OS
IOUT = ±2A, VLDOIN = 1.2V,
VREFOUT = 0.6V
25
--
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com