Electronic Components Datasheet Search
  English  ▼

X  

RT9088 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9088
Description  DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9088 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9088 Datasheet HTML 1Page - Richtek Technology Corporation RT9088 Datasheet HTML 2Page - Richtek Technology Corporation RT9088 Datasheet HTML 3Page - Richtek Technology Corporation RT9088 Datasheet HTML 4Page - Richtek Technology Corporation RT9088 Datasheet HTML 5Page - Richtek Technology Corporation RT9088 Datasheet HTML 6Page - Richtek Technology Corporation RT9088 Datasheet HTML 7Page - Richtek Technology Corporation RT9088 Datasheet HTML 8Page - Richtek Technology Corporation RT9088 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9088
®
DS9088-02 March 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DDR Termination Regulator
Applications
Notebook/Desktop/Server
Telecom/Datacom, GSM Base Station, LCD-TV/PDP-
TV, Copier/Printer, Set-Top Box
General Description
The RT9088 is a sink/source tracking termination regulator.
It is specifically designed for low-cost and low-external
component count systems. The RT9088 possesses a high
speed operating amplifier that provides fast load transient
response and only requires a minimum 30
μF ceramic
output capacitor. The RT9088 supports remote sensing
functions and all features required to power the DDRIII
and Low Power DDRIII / DDRIV VTT bus termination
according to the JEDEC specification. In addition, the
RT9088 provides an open-drain PGOOD signal to monitor
the output regulation and an EN signal that can be used
to discharge VTT during S3 (suspend to RAM) for DDR
applications.
The RT9088 is available in the thermal efficient package,
WDFN-10L 3x3.
Features
VIN Input Voltage Range: 1.1V to 3.5V
VCNTL Input Voltage Range: 2.9V to 5.5V
Support Ceramic Capacitors
Power Good Indicator
10mA Source/Sink Reference Output
Meet DDRI, DDRII JEDEC Spec
Support DDRIII, Low Power DDRIII/DDRIV VTT
Applications
Soft-Start Function
UVLO and OCP Protection
Thermal Shutdown
Marking Information
Simplified Application Circuit
RT9088
REFIN
VIN
SENSE
PGND
VCNTL
PGOOD
GND
REFOUT
EN
VOUT
C2
R1
C1
C3
REFOUT
VIN
R3
C4
R2
C5
VCNTL
Power Good Indicator
VOUT
EN
63=YM
DNN
63= : Product Code
YMDNN : Date Code


Similar Part No. - RT9088

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9088GQW RICHTEK-RT9088GQW Datasheet
803Kb / 8P
The RT9088 is a sink/source tracking termination regulator
More results

Similar Description - RT9088

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com