Electronic Components Datasheet Search
  English  ▼

X  

RT9088 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9088
Description  DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9088 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9088 Datasheet HTML 3Page - Richtek Technology Corporation RT9088 Datasheet HTML 4Page - Richtek Technology Corporation RT9088 Datasheet HTML 5Page - Richtek Technology Corporation RT9088 Datasheet HTML 6Page - Richtek Technology Corporation RT9088 Datasheet HTML 7Page - Richtek Technology Corporation RT9088 Datasheet HTML 8Page - Richtek Technology Corporation RT9088 Datasheet HTML 9Page - Richtek Technology Corporation RT9088 Datasheet HTML 10Page - Richtek Technology Corporation RT9088 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9088
8
DS9088-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Sourcing Current Limit vs. Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCNTL = 3.3V,
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
Typical Operating Characteristics
Output Voltage vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCNTL = 3.3V,
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
REFOUT Voltage vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCNTL = 3.3V,
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
VCNTL Supply Current vs. Temperature
300.0
320.0
340.0
360.0
380.0
400.0
420.0
440.0
460.0
480.0
500.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
VCNTL = 5V
VCNTL = 3.3V
UVLO vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = VDDQSNS = 1.5V,
VEN = 2V, VOUT = 0.75V
Rising
Falling
VCNTL Shutdown Current vs. Temperature
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
VCNTL = 5V
VCNTL = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com