Electronic Components Datasheet Search
  English  ▼

X  

RT9088 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9088
Description  DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9088 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9088 Datasheet HTML 1Page - Richtek Technology Corporation RT9088 Datasheet HTML 2Page - Richtek Technology Corporation RT9088 Datasheet HTML 3Page - Richtek Technology Corporation RT9088 Datasheet HTML 4Page - Richtek Technology Corporation RT9088 Datasheet HTML 5Page - Richtek Technology Corporation RT9088 Datasheet HTML 6Page - Richtek Technology Corporation RT9088 Datasheet HTML 7Page - Richtek Technology Corporation RT9088 Datasheet HTML 8Page - Richtek Technology Corporation RT9088 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9088
3
DS9088-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT9088 is a linear sink/source DDR termination
regulator with current capability up to 3A. The RT9088
builds in a high-side N-MOSFET which provides current
sourcing and a low-side N-MOSFET which provides current
sinking. All the control circuits are supplied by the power
VCNTL. In normal operation, the error amplifier OP adjusts
the gate driving voltage of the power MOSFET to achieve
SENSE voltage well tracking the REFIN voltage.
Both the source and sink currents are detected by the
internal sensing resistor, and the OCP function will work
to limit the current to a designed value when overload
happens. Furthermore, the current will be folded back to
be one half if VOUT is out of the power good window.
Buffer
This function provides REFOUT output equal to REFIN
with 10mA source/sink current capability.
Power Good
When the SENSE voltage is in the power good window
and lasts for a certain delay time, then the PGOOD pin
will be high impedance and the PGOOD voltage will be
pulled high by the external resistor.
Control Logic
This block includes VCNTL UVLO, REFIN UVLO and
Enable/Disable functions, and provides logic control to
the whole chip.
Thermal Protection
Both the high-side and low-side power MOSFETs will be
turned off when the junction temperature is higher than
typically 160
°C, and be released to normal operation when
junction temperature falls below 120
°C typically.
+
-
OCP
+
-
OCP
+
-
Thermal
Protection
Control
Logic
OP
Power
Good
Buffer
REFIN
VIN
SENSE
PGND
VCNTL
PGOOD
GND
REFOUT
EN
VOUT
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com