Electronic Components Datasheet Search
  English  ▼

X  

RT9088 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9088
Description  DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9088 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9088 Datasheet HTML 3Page - Richtek Technology Corporation RT9088 Datasheet HTML 4Page - Richtek Technology Corporation RT9088 Datasheet HTML 5Page - Richtek Technology Corporation RT9088 Datasheet HTML 6Page - Richtek Technology Corporation RT9088 Datasheet HTML 7Page - Richtek Technology Corporation RT9088 Datasheet HTML 8Page - Richtek Technology Corporation RT9088 Datasheet HTML 9Page - Richtek Technology Corporation RT9088 Datasheet HTML 10Page - Richtek Technology Corporation RT9088 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9088
10
DS9088-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9088 is a 3.5A sink/source tracking termination
regulator. It is specifically designed for low-cost and low-
external component count system such as notebook PC
applications. The RT9088 possesses a high speed
operating amplifier that provides fast load transient response
and only requires two 10
μF ceramic input capacitors and
three 10
μF ceramic output capacitors.
Capacitor Selection
Good bypassing is recommended from VLDOIN to GND
to help improve AC performance. A 10
μF or greater input
capacitor located as close as possible to the IC is
recommended. The input capacitor must be located at a
distance of less than 0.5 inches from the VLDOIN pin of
the IC.
Adding a 1
μF ceramic capacitor close to the VIN pin and
it should be kept away from any parasitic impedance from
the supply power. For stable operation, the total
capacitance of the ceramic capacitor at the VTT output
terminal must be larger than 30
μF. The RT9088 is designed
specifically to work with low ESR ceramic output capacitor
in space saving and performance consideration. Larger
output capacitance can reduce the noise and improve load
transient response, stability and PSRR. The output
capacitor should be located near the VTT output terminal
pin as close as possible.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
Figure 1. Derating Curve of Maximum Power Dissipation
WDFN-10L 3x3 package, the thermal resistance,
θJA, is
30.5
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (30.5°C/W) = 3.27W for
WDFN-10L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 1 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com