Electronic Components Datasheet Search
  English  ▼

X  

RT9088 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9088
Description  DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9088 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9088 Datasheet HTML 1Page - Richtek Technology Corporation RT9088 Datasheet HTML 2Page - Richtek Technology Corporation RT9088 Datasheet HTML 3Page - Richtek Technology Corporation RT9088 Datasheet HTML 4Page - Richtek Technology Corporation RT9088 Datasheet HTML 5Page - Richtek Technology Corporation RT9088 Datasheet HTML 6Page - Richtek Technology Corporation RT9088 Datasheet HTML 7Page - Richtek Technology Corporation RT9088 Datasheet HTML 8Page - Richtek Technology Corporation RT9088 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9088
5
DS9088-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VOUT Source Current Limit
ILIM_VOUT_SR
VOUT in PGOOD Window
3.5
--
5.5
A
VOUT Sink Current Limit
ILIM_VOUT_SK
VOUT in PGOOD Window
3.5
--
5.5
A
VOUT Discharge
Resistance
RDISCHARGE
VREFIN = 0V, VOUT = 0.3V,
VEN = 0V
--
18
25
Power Good Comparator
VSENSE lower threshold with
respect to REFOUT
25
20
15
VSENSE upper threshold with
respect to REFOUT
15
20
25
PGOOD Threshold
VTH_PGOOD
PGOOD Hysteresis
--
5
--
%
PGOOD Start-Up Delay
TPGDELAY1
Start-up rising delay, VSENSE
within PGOOD range
--
2
--
ms
Output Low Voltage
VLOW_PGOOD
IPGOOD = 4mA
--
--
0.4
V
PGOOD Falling Delay
TPGDELAY2
Falling delay, VSENSE is out of
PGOOD range
--
10
--
s
Leakage Current
ILEAKAGE _PGOOD
VSENSE = VREFIN (PGOOD
high impedance),
VPGOOD = VIN + 0.3V
--
--
1
A
REFIN and REFOUT
REFIN Input Current
IREFIN
VEN = VCNTL
--
--
1
A
REFIN Voltage Range
VREFIN
0.5
--
1.8
V
REFIN Rising
360
390
420
REFIN Under-Voltage
Lockout
VUVLO_REFIN
Hysteresis
--
20
--
mV
10mA < IREFOUT < 10mA,
VREFIN = 0.75V
15
--
15
10mA < IREFOUT < 10mA,
VREFIN = 0.675V
15
--
15
REFOUT Voltage Tolerance
to VREFIN
VTOL_REFOUT
10mA < IREFOUT < 10mA,
VREFIN = 0.6V
15
--
15
mV
REFOUT Source Current
Limit
ILIM_REFOUT_SR
VREFOUT = 0V
10
40
--
mA
REFOUT Sink Current Limit ILIM_REFOUT_SK
VREFOUT = REFIN + 1V
10
40
--
mA
UVLO/EN
Rising
2.5
2.7
2.85
V
UVLO Threshold
VUVLO_VCNTL
Hysteresis
--
120
--
mV
Logic-High VIN_H
1.7
--
--
EN Input
Voltage
Logic-Low
VIN_L
--
--
0.3
V
Thermal Shutdown
Shutdown Temperature
--
160
--
Thermal Shutdown
Threshold
TSD
Hysteresis
--
15
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com