Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9480 Datasheet HTML 1Page - Richtek Technology Corporation RT9480 Datasheet HTML 2Page - Richtek Technology Corporation RT9480 Datasheet HTML 3Page - Richtek Technology Corporation RT9480 Datasheet HTML 4Page - Richtek Technology Corporation RT9480 Datasheet HTML 5Page - Richtek Technology Corporation RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT9480
4
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Linear Charger 1.2A
Central Control
1. Battery Capacity
Detection
2. Protection
3. LED Display
4. Mode Control
5. Button Operation
USB-1 Load
Manager Up to 2.1A
USB-2 Load
Manager Up to 1A
Torch Brightness
Control (Open Drain)
VBAT
TS
LED1
LED2
LED3
LED4
GND
BUTTON
TORCH
USBOUT1
USBOUT2
SWIN2
VMID
PGNDBST
LXBST
VBUS
TP1
TP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com