Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation RT9480 Datasheet HTML 10Page - Richtek Technology Corporation RT9480 Datasheet HTML 11Page - Richtek Technology Corporation RT9480 Datasheet HTML 12Page - Richtek Technology Corporation RT9480 Datasheet HTML 13Page - Richtek Technology Corporation RT9480 Datasheet HTML 14Page - Richtek Technology Corporation RT9480 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT9480
11
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9480 is a high integrated IC for Li-Ion battery power
bank. This chip includes a linear charger, a synchronous
Boost, two output load management, LED indicator and
torch function.
Pre-Charge Mode
When the output voltage is lower than 2.3V, the charging
current will be reduced to a fast-charge current ratio to
protect the battery life time.
Fast-Charge Mode
When the output voltage is higher than 2.5V, the charging
current will be equal to the fast-charge current with 1.2A.
Constant-Voltage Mode
When the output voltage is near 4.2V or 4.35V, the charging
current will fall below the termination current.
Re-Charge Mode
When the chip is in charge termination mode, the charging
current will gradually go down to zero. However, once the
voltage of the battery drops to below 4.05V or 4.2V, then
the charging current will resume again.
Charge Termination
When the charge current is lower than the charge
termination current ratio (10%) for VBAT > 4.05V or 4.2V
and the time is larger than the deglitch time (25ms), it will
be latched high unless the power is re-toggled.
Input DPM Mode
If the input voltage is lower than VDPM (4.5V), the input
current limit will be reduced to stop the input voltage from
dropping any further. This can prevent the IC from damaging
improperly configured or inadequately designed USB
sources.
Temperature Regulation
In order to maximize charge rate, the RT9480 features a
junction temperature regulation loop. If the power
dissipation of the IC results in junction temperature greater
than the thermal regulation threshold (105
°C), the RT9480
will cut back on the charge current and disconnect the
battery in order to maintain thermal regulation at around
105
°C. This operation continues until the junction
temperature falls below the thermal regulation threshold
(105
°C) by the hysteresis level. This feature prevents the
maximum power dissipation from exceeding typical design
conditions.
Time Fault
The Fast-Charge Fault Time is set by 24hours.
When time fault happens, the charger cycle will be turned
off charging function.
Battery Pack Temperature Monitoring
The RT9480 features an external battery pack temperature
monitoring input. The TS input connects to the NTC
thermistor in the battery pack to monitor battery
temperature and prevent danger over temperature
conditions. If at any time the voltage at TS falls outside of
the operating range, charging will be suspended. The NTC
thermistor recommends using 10k
Ω.
JEITA Function
For JEITA battery temperature standard :
CV regulation voltage will change at the following battery
Temp ranges 45
°C to 60°C.
Synchronous Step-Up
The converter operates in fixed frequency PWM Mode
with 250kHz, Continuous Current Mode (CCM), and
Discontinuous Current Mode (DCM) with internal
MOSFETs.
4.35V or 4.2V
4.2V or 4.05V
100% Ichg
50% Ichg
010
45
60
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com