Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9480 Datasheet HTML 1Page - Richtek Technology Corporation RT9480 Datasheet HTML 2Page - Richtek Technology Corporation RT9480 Datasheet HTML 3Page - Richtek Technology Corporation RT9480 Datasheet HTML 4Page - Richtek Technology Corporation RT9480 Datasheet HTML 5Page - Richtek Technology Corporation RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT9480
3
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VBAT
Battery Charge Current Output.
2
TS
Battery Temperature Sense Setting.
3
LED1
Current Sink Output for LED1.
4
LED2
Current Sink Output for LED2.
5
LED3
Current Sink Output for LED3.
6
LED4
Current Sink Output for LED4.
7, 8, 14
NC
No Internal Connection.
9,
25 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
10
TORCH
Current Sink Output for Torch LED Function. Open Drain Output
11
BUTTON
Button Control Input for mode change.
12
TP1
Connected to GND.
13
TP2
Connected to GND.
15
USBOUT2
USB-2 Power Output.
16
SWIN2
USB-2 Power Input.
17, 18
USBOUT1
USB-1 Power Output.
19
VMID
Boost Output.
20, 21
LXBST
Boost Switch Output.
22, 23
PGNDBST
Boost Power GND.
24
VBUS
VBUS Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com