Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9480 Datasheet HTML 2Page - Richtek Technology Corporation RT9480 Datasheet HTML 3Page - Richtek Technology Corporation RT9480 Datasheet HTML 4Page - Richtek Technology Corporation RT9480 Datasheet HTML 5Page - Richtek Technology Corporation RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation RT9480 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RT9480
6
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VBAT, VBUS --------------------------------------------------------------------- 2.8V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VBAT --------------------------------------------------------------------------------------
−0.3V to 6V
Supply Voltage, VBUS -------------------------------------------------------------------------------------
−0.3V to 10V
Supply Voltage USBOUT1, USBOUT2 Pulse (100
μs) ---------------------------------------------- −0.3V to 10V
LED Output Voltage, LED1, LED2, LED3, LED4 ----------------------------------------------------
−0.3V to 10V
TORCH ---------------------------------------------------------------------------------------------------------
−0.3V to 10V
Other Pins -----------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WQFN-24L 4x4 ---------------------------------------------------------------------------------------------- 3.57W
Package Thermal Resistance (Note 2)
WQFN-24L 4x4,
θJA ----------------------------------------------------------------------------------------- 28°C/W
WQFN-24L 4x4,
θJC ---------------------------------------------------------------------------------------- 7.1°C/W
Junction Temperature Range ------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------- 260
°C
Storage Temperature Range ------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) -------------------------------------------------------------------------------- 2kV
MM (Machine Model) --------------------------------------------------------------------------------------- 200V
TOP Unit Electrical Characteristics
(VBUS = 5V, VBAT = 3.7V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
Battery Quiescent Current
for Standby
IBAT_sdy
No VBUS, Boost
on, Indicator Off.
Button Mode
--
30
--
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com