Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9480 Datasheet HTML 3Page - Richtek Technology Corporation RT9480 Datasheet HTML 4Page - Richtek Technology Corporation RT9480 Datasheet HTML 5Page - Richtek Technology Corporation RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation RT9480 Datasheet HTML 10Page - Richtek Technology Corporation RT9480 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT9480
7
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
Output Voltage
VOUTBST
--
5.1
--
V
Output Voltage Accuracy
VOUTBST
5
--
5
%
MAX Output Current
As VBAT > 3.3V, VOUT = 5V
--
2.5
--
A
PFET Peak Current Limit
IOCP
6
--
--
A
Power Switch
Switching Frequency
fSW
0.2
0.25
0.3
MHz
Protection
Over-Voltage Protection
VMID_OVP
5.6
5.7
6
V
Over-Voltage Protection
Hysteresis
VMID_OVP_hys
--
0.2
--
V
Under-Voltage Protection
(Short-Circuit Protection)
VBST_FBUV
--
3.37
--
V
Boost Unit Electrical Characteristics
(VBUS = 5V, VBAT = 3.7V, TA = 25
°C, unless otherwise specified)
Charger Unit Electrical Characteristics
(VBUS = 5V, VBAT = 3.7V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
VBUS
 VBAT VOS Rising
VOS_H
--
100
200
mV
VBUS
 VBAT VOS Falling
VOS_L
10
50
--
mV
Battery Charger
VBUS Operating Range
VBUS_CHG
4.5
--
5.5
V
VBUS Regulation
DPM
VDPM = 4.5V
5
--
5
%
Voltage Regulation
VBAT Regulation
VREG
TA = 0 to 85C, VREG = 4.2V
1
--
1
%
Re-Charge Threshold
VRECHG
VREG  Recharge Level
--
150
--
mV
VBUS Power FET RDS(ON)
RDS(ON)_chg IBAT = 1A
--
200
300
m
Current Regulation
Fast-Charge Current Accuracy ICHG
ICHG = 1.2A
5
--
5
%
Pre-Charge Current Accuracy
ICHG_Pre
Ratio of Fast-Charge Current
5.5
10
14.5
%
Pre-Charge Threshold
Vpre
VBAT Rising
2.35
2.5
2.65
V
Pre-Charge Threshold
Hysteresis
Vpre
VBAT Falling
120
200
280
mV
Charge Termination Detection
Termination Current Ratio
ITERMI
--
10
--
%
Timer
Fast-Charge Time Fault
TF_CC
--
24
--
hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com