Electronic Components Datasheet Search
  English  ▼

X  

RT9480 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation RT9480 Datasheet HTML 10Page - Richtek Technology Corporation RT9480 Datasheet HTML 11Page - Richtek Technology Corporation RT9480 Datasheet HTML 12Page - Richtek Technology Corporation RT9480 Datasheet HTML 13Page - Richtek Technology Corporation RT9480 Datasheet HTML 14Page - Richtek Technology Corporation RT9480 Datasheet HTML 15Page - Richtek Technology Corporation RT9480 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
RT9480
14
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 1. Derating Curve of Maximum Power Dissipation
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WQFN-24L 4x4 package, the thermal resistance,
θJA, is
28
°C/W on a standard JEDEC 51-7 four-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (28°C/W) = 3.57W for
WQFN-24L 4x4 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 1 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Layout Consideration
The PCB layout is an important step to maintain the high
performance of the RT9480.
Both the high current and the fast switching nodes demand
full attention to the PCB layout to save the robustness of
the RT9480 through the PCB layout. Improper layout might
show the symptoms of poor line or load regulation, ground
and output voltage shifts, stability issues, unsatisfying
EMI behavior or worsened efficiency.For the best
performance of the RT9480, the following PCB layout
guidelines must be strictly followed.
Place the input and output capacitors as close as
possible to the input and output pins respectively for
good filtering.
Care should be taken for a proper thermal layout. Wide
traces, connecting with vias through the layers, provides
a proper thermal path to sink the heat energy created
from the device and inductor. Keep the main power traces
as wide and short as possible. Recommend as below :
VBUS trace > 40mil;
VBAT trace > 80mil;
LXBST trace > 80mil;
VMID trace > 40mil;
USBOUT1 trace > 80mil;
USBOUT2 trace > 40mil.
The switching node area connected to LX and inductor
should be minimized for lower EMI.
Connect the GND pin, PGNDBST pin and Exposed Pad
together to a strong ground plane for maximum thermal
dissipation and noise protection.
Directly connect the output capacitors to the feedback
network of each channel to avoid bouncing caused by
parasitic resistance and inductance from the PCB trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com