Electronic Components Datasheet Search
  English  ▼

X  

MRF158 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button MRF158 Datasheet HTML 4Page - Tyco Electronics MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics MRF158 Datasheet HTML 10Page - Tyco Electronics MRF158 Datasheet HTML 11Page - Tyco Electronics MRF158 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Table 1. Common Source S–Parameters (VDS = 13 V, ID = 100 mA) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
423
0.733
–101
4.82
96
0.089
18
0.676
–83
428
0.735
–102
4.80
96
0.089
17
0.674
–84
433
0.731
–102
4.74
95
0.088
16
0.672
–84
438
0.732
–103
4.70
94
0.088
17
0.673
–85
443
0.728
–104
4.67
94
0.089
16
0.670
–85
448
0.729
–105
4.64
93
0.090
16
0.671
–86
453
0.727
–105
4.59
93
0.088
16
0.668
–86
458
0.723
–105
4.56
92
0.089
15
0.668
–87
463
0.721
–106
4.50
91
0.088
15
0.668
–87
468
0.720
–107
4.46
91
0.088
15
0.665
–87
473
0.719
–107
4.42
90
0.089
13
0.662
–88
478
0.717
–107
4.38
90
0.089
13
0.662
–89
483
0.717
–108
4.35
89
0.088
13
0.658
–89
488
0.715
–109
4.32
89
0.088
13
0.660
–89
493
0.714
–109
4.28
88
0.090
13
0.655
–90
498
0.714
–110
4.25
88
0.090
12
0.655
–91
503
0.713
–110
4.22
87
0.089
12
0.652
–91
507
0.712
–111
4.17
87
0.090
11
0.650
–91
512
0.711
–111
4.15
86
0.089
11
0.649
–92
517
0.706
–112
4.11
86
0.090
11
0.650
–92
522
0.705
–112
4.07
85
0.089
10
0.650
–93
527
0.706
–113
4.07
85
0.089
10
0.648
–93
532
0.705
–113
4.02
84
0.088
10
0.649
–93
537
0.704
–114
4.00
84
0.088
9
0.645
–94
542
0.704
–114
3.95
83
0.089
9
0.646
–94
547
0.704
–115
3.93
82
0.087
10
0.646
–95
552
0.704
–116
3.90
82
0.090
8
0.645
–95
557
0.702
–116
3.87
82
0.089
8
0.646
–96
562
0.699
–117
3.83
81
0.088
8
0.646
–96
567
0.699
–117
3.80
81
0.089
8
0.641
–96
572
0.700
–117
3.76
80
0.088
7
0.640
–97
577
0.699
–118
3.74
80
0.087
7
0.640
–97
582
0.698
–118
3.70
80
0.088
7
0.641
–98
587
0.699
–118
3.69
79
0.087
7
0.637
–98
592
0.697
–119
3.67
79
0.088
6
0.638
–98
597
0.698
–119
3.64
78
0.088
6
0.633
–99
602
0.698
–119
3.62
78
0.087
6
0.638
–99
607
0.695
–120
3.58
77
0.087
6
0.637
–99
612
0.696
–120
3.57
77
0.087
6
0.637
–100
617
0.694
–121
3.54
76
0.086
5
0.636
–100
622
0.695
–121
3.52
76
0.087
5
0.635
–100
627
0.692
–121
3.48
75
0.088
5
0.637
–101
8
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com