Electronic Components Datasheet Search
  English  ▼

X  

MRF158 Datasheet(PDF) 10 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics MRF158 Datasheet HTML 10Page - Tyco Electronics MRF158 Datasheet HTML 11Page - Tyco Electronics MRF158 Datasheet HTML 12Page - Tyco Electronics MRF158 Datasheet HTML 13Page - Tyco Electronics MRF158 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Table 1. Common Source S–Parameters (VDS = 13 V, ID = 100 mA) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
841
0.681
–136
2.64
58
0.079
–4
0.635
–115
846
0.679
–137
2.63
58
0.078
–4
0.637
–115
851
0.678
–137
2.61
58
0.077
–5
0.634
–115
856
0.682
–137
2.59
57
0.077
–5
0.635
–115
861
0.680
–137
2.59
57
0.077
–4
0.634
–115
866
0.681
–138
2.57
57
0.077
–6
0.635
–116
871
0.682
–138
2.55
56
0.075
–6
0.633
–116
876
0.684
–139
2.54
56
0.075
–5
0.631
–116
881
0.683
–139
2.53
56
0.075
–5
0.635
–117
886
0.681
–139
2.52
55
0.074
–6
0.633
–117
891
0.685
–140
2.50
55
0.074
–6
0.633
–117
896
0.683
–140
2.49
55
0.075
–6
0.638
–117
901
0.680
–140
2.47
54
0.073
–5
0.640
–118
905
0.681
–140
2.46
54
0.074
–7
0.637
–118
910
0.684
–140
2.44
54
0.074
–8
0.639
–118
915
0.683
–141
2.43
53
0.073
–6
0.639
–119
920
0.686
–141
2.42
53
0.074
–6
0.643
–119
925
0.683
–141
2.40
53
0.073
–7
0.641
–119
930
0.684
–141
2.39
52
0.072
–7
0.640
–120
935
0.682
–142
2.38
52
0.073
–6
0.638
–120
940
0.685
–142
2.37
52
0.072
–6
0.639
–120
945
0.683
–142
2.36
51
0.072
–7
0.638
–120
950
0.683
–143
2.34
51
0.071
–7
0.639
–120
955
0.683
–143
2.33
51
0.070
–7
0.638
–120
960
0.683
–143
2.32
51
0.073
–8
0.640
–121
965
0.683
–143
2.31
50
0.070
–8
0.640
–121
970
0.684
–144
2.30
50
0.071
–7
0.643
–121
975
0.684
–144
2.28
50
0.069
–8
0.640
–121
980
0.682
–144
2.27
49
0.068
–6
0.641
–122
985
0.685
–144
2.26
49
0.069
–9
0.643
–122
990
0.684
–145
2.25
48
0.067
–8
0.644
–122
995
0.683
–145
2.24
48
0.069
–8
0.644
–123
1000
0.684
–145
2.23
48
0.068
–8
0.643
–123
10
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com