Electronic Components Datasheet Search
  English  ▼

X  

MRF158 Datasheet(PDF) 14 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics MRF158 Datasheet HTML 10Page - Tyco Electronics MRF158 Datasheet HTML 11Page - Tyco Electronics MRF158 Datasheet HTML 12Page - Tyco Electronics MRF158 Datasheet HTML 13Page - Tyco Electronics MRF158 Datasheet HTML 14Page - Tyco Electronics MRF158 Datasheet HTML 15Page - Tyco Electronics MRF158 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Table 2. Common Source S–Parameters (VDS = 28 V, ID = 100 mA) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
632
0.733
–117
3.45
79
0.077
8
0.682
–84
637
0.730
–117
3.41
79
0.078
8
0.684
–84
642
0.731
–117
3.40
78
0.077
8
0.683
–85
647
0.728
–118
3.37
78
0.077
7
0.679
–85
652
0.730
–118
3.35
77
0.077
8
0.679
–85
657
0.725
–119
3.32
77
0.077
7
0.679
–85
662
0.725
–119
3.29
76
0.079
6
0.679
–86
667
0.727
–120
3.27
76
0.078
5
0.677
–86
672
0.731
–120
3.26
75
0.077
6
0.676
–86
677
0.727
–120
3.24
75
0.077
5
0.675
–87
682
0.725
–121
3.21
75
0.077
4
0.673
–87
687
0.726
–121
3.19
74
0.078
6
0.672
–87
692
0.724
–121
3.17
74
0.076
6
0.672
–88
697
0.728
–122
3.17
74
0.075
6
0.672
–88
702
0.724
–122
3.13
73
0.075
5
0.672
–88
706
0.724
–122
3.12
73
0.077
5
0.670
–89
711
0.722
–123
3.10
72
0.077
5
0.674
–89
716
0.722
–123
3.09
72
0.076
4
0.676
–89
721
0.723
–124
3.08
71
0.075
2
0.674
–90
726
0.720
–124
3.05
71
0.075
4
0.672
–90
731
0.719
–124
3.03
70
0.075
4
0.676
–90
736
0.720
–125
3.02
70
0.076
3
0.675
–91
741
0.716
–125
2.99
70
0.075
2
0.672
–91
746
0.718
–126
2.98
69
0.075
3
0.677
–91
751
0.715
–126
2.97
69
0.075
3
0.670
–92
756
0.717
–126
2.94
68
0.075
3
0.673
–92
761
0.716
–127
2.92
68
0.075
2
0.668
–92
766
0.717
–127
2.90
67
0.075
2
0.673
–93
771
0.717
–128
2.88
67
0.073
2
0.669
–93
776
0.714
–128
2.86
67
0.076
1
0.668
–93
781
0.718
–128
2.86
66
0.074
1
0.668
–93
786
0.718
–129
2.85
66
0.073
1
0.670
–94
791
0.718
–129
2.82
66
0.073
1
0.670
–94
796
0.716
–129
2.81
65
0.072
0
0.668
–94
801
0.715
–130
2.79
65
0.073
–1
0.671
–95
806
0.718
–130
2.77
65
0.071
1
0.669
–95
811
0.714
–130
2.77
64
0.072
0
0.672
–95
816
0.714
–130
2.74
64
0.072
0
0.673
–96
821
0.714
–131
2.72
63
0.070
0
0.671
–96
826
0.715
–131
2.71
63
0.073
0
0.675
–96
831
0.713
–131
2.69
63
0.071
0
0.672
–96
836
0.713
–131
2.68
62
0.072
–1
0.672
–97
14
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com