Electronic Components Datasheet Search
  English  ▼

X  

MRF158 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 5 Page - Tyco Electronics

  MRF158 Datasheet HTML 1Page - Tyco Electronics MRF158 Datasheet HTML 2Page - Tyco Electronics MRF158 Datasheet HTML 3Page - Tyco Electronics MRF158 Datasheet HTML 4Page - Tyco Electronics MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TYPICAL CHARACTERISTICS
Figure 3. Capacitance versus Drain–Source Voltage
Figure 4. DC Safe Operating Area
Figure 5. Output Power versus Input Power
Figure 6. Output Power versus Voltage
100
110
1
0.1
0.01
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
25
010
20
515
10
5
2
0.1
0.2
1
0.5
VDS,DRAIN–SOURCE VOLTAGE (VOLTS)
Coss
Ciss
Crss
VGS = 0 V
f = 1 MHz
50
20
70
90
2.6
2.4
2.0
1.6
0
0.4
1.2
0.8
f = 500 MHz
VDS = 28 V
IDQ = 25 mA
Pin, INPUT POWER (mW)
18
14
22
26
2.8
2.4
2.0
1.6
0
0.4
1.2
0.8
f = 500 MHz
IDQ = 25 mA
Pin = 80 mW
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
30 mW
28
16
12
20
24
55 mW
100
40
060
80
10
30
2.2
1.8
1.4
0.2
1.0
0.6
5
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com