Electronic Components Datasheet Search
  English  ▼

X  

MRF158 Datasheet(PDF) 9 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics MRF158 Datasheet HTML 10Page - Tyco Electronics MRF158 Datasheet HTML 11Page - Tyco Electronics MRF158 Datasheet HTML 12Page - Tyco Electronics MRF158 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Table 1. Common Source S–Parameters (VDS = 13 V, ID = 100 mA) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
632
0.691
–122
3.46
75
0.085
4
0.634
–101
637
0.691
–122
3.44
74
0.087
4
0.641
–102
642
0.689
–123
3.41
74
0.087
3
0.637
–102
647
0.687
–123
3.38
74
0.087
3
0.634
–103
652
0.689
–124
3.36
73
0.085
3
0.636
–103
657
0.686
–124
3.34
73
0.086
1
0.635
–103
662
0.688
–125
3.30
72
0.086
3
0.634
–104
667
0.689
–125
3.28
72
0.086
2
0.634
–104
672
0.693
–125
3.27
72
0.086
2
0.631
–104
677
0.687
–126
3.24
71
0.086
1
0.632
–104
682
0.689
–126
3.22
71
0.083
1
0.629
–105
687
0.687
–126
3.20
70
0.083
1
0.630
–105
692
0.686
–127
3.17
70
0.083
1
0.630
–105
697
0.690
–127
3.16
70
0.083
0
0.630
–106
702
0.687
–127
3.14
69
0.084
0
0.627
–106
706
0.688
–128
3.12
69
0.083
1
0.630
–106
711
0.685
–128
3.10
68
0.083
0
0.632
–107
716
0.686
–128
3.08
68
0.085
0
0.636
–107
721
0.688
–128
3.08
68
0.084
–1
0.634
–107
726
0.685
–129
3.05
67
0.083
0
0.634
–108
731
0.685
–130
3.02
67
0.083
–1
0.634
–108
736
0.684
–130
3.01
66
0.083
–1
0.635
–108
741
0.680
–130
2.98
66
0.082
–1
0.631
–109
746
0.681
–130
2.97
65
0.083
–2
0.636
–109
751
0.682
–131
2.96
65
0.082
–2
0.631
–110
756
0.683
–131
2.93
65
0.082
–2
0.632
–109
761
0.681
–132
2.90
64
0.082
–1
0.630
–110
766
0.683
–132
2.89
64
0.083
–3
0.632
–110
771
0.684
–132
2.87
64
0.082
–3
0.631
–110
776
0.682
–133
2.85
63
0.081
–4
0.628
–111
781
0.684
–133
2.85
63
0.080
–3
0.630
–111
786
0.686
–133
2.83
63
0.079
–4
0.629
–111
791
0.684
–134
2.81
62
0.080
–3
0.632
–112
796
0.685
–134
2.79
62
0.080
–4
0.631
–112
801
0.683
–134
2.77
62
0.079
–4
0.634
–112
806
0.685
–134
2.75
61
0.079
–2
0.632
–112
811
0.683
–135
2.75
61
0.078
–4
0.635
–113
816
0.684
–135
2.73
60
0.079
–4
0.637
–113
821
0.683
–135
2.70
60
0.077
–3
0.633
–113
826
0.682
–135
2.69
60
0.078
–5
0.637
–114
831
0.682
–136
2.67
59
0.077
–4
0.635
–114
836
0.681
–136
2.66
59
0.077
–5
0.638
–114
9
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com