Electronic Components Datasheet Search
  English  ▼

X  

MRF158 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF158 Datasheet HTML 1Page - Tyco Electronics MRF158 Datasheet HTML 2Page - Tyco Electronics MRF158 Datasheet HTML 3Page - Tyco Electronics MRF158 Datasheet HTML 4Page - Tyco Electronics MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The RF TMOS
 Line
Power Field Effect Transistor
N–Channel Enhancement Mode
Designed for wideband large–signal amplifier and oscillator applications to
500 MHz.
• Guaranteed 28 Volt, 500 MHz Performance
Output Power = 2.0 Watts
Minimum Gain = 16 dB (Min)
Efficiency = 55% (Typ)
• Facilitates Manual Gain Control, ALC and Modulation
Techniques
• 100% Tested for Load Mismatch at All Phase Angles with
30:1 VSWR
• Excellent Thermal Stability, Ideally Suited for Class A
Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
65
Vdc
Gate–Source Voltage
VGS
±20
Vdc
Drain Current — Continuous
ID
0.5
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
8.0
45
Watts
mW/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
13.2
°C/W
NOTE — CAUTION — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF158
To 500 MHz, 2 W, 28 V
TMOS
BROADBAND
RF POWER FET
CASE 305A–01, STYLE 2
D
S
G
Order this document
by MRF158/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 9


Similar Part No. - MRF158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS짰 2W, 500MHz, 28V
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS? 2W, 500MHz, 28V
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
MRF158 MA-COM-MRF158_17 Datasheet
1Mb / 19P
The Broadband RF TMOS짰
More results

Similar Description - MRF158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
TMOS BROADBAND RF POWER FET
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
MRF166W MOTOROLA-MRF166W Datasheet
134Kb / 6P
TMOS BROADBAND RF POWER FET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
MRF166W MACOM-MRF166W Datasheet
206Kb / 10P
TMOS BROADBAND RF POWER FET
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
N-CHANNEL BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF158 MA-COM-MRF158_15 Datasheet
880Kb / 18P
The Broadband RF TMOS Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com