Electronic Components Datasheet Search
  English  ▼

X  

RFFC0085 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFC0085
Description  OUT-OF-BAND TUNER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC0085 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFC0085 Datasheet HTML 1Page - RF Micro Devices RFFC0085 Datasheet HTML 2Page - RF Micro Devices RFFC0085 Datasheet HTML 3Page - RF Micro Devices RFFC0085 Datasheet HTML 4Page - RF Micro Devices RFFC0085 Datasheet HTML 5Page - RF Micro Devices RFFC0085 Datasheet HTML 6Page - RF Micro Devices RFFC0085 Datasheet HTML 7Page - RF Micro Devices RFFC0085 Datasheet HTML 8Page - RF Micro Devices RFFC0085 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
DS100219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFFC0085
Typical Performance Curves
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.3 to +3.6
V
Operating Temperature (TOP)
-40 to +85
°C
Storage Temperature (TSTG)
-65 to +150
°C
Junction Temperature (TJ)99
°C
RF Input (VAGC=0VDC) for an IF
OUT=1VP-P
30
dBmV
RF Input (VAGC=3VDC) for an IF
OUT=1VP-P
-24
dBmV
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
72
73
74
75
76
77
78
79
80
81
82
70
80
90
100
110
120
130
Gain (dB)
RF (MHz)
ConversionGainversus RF
VAGC=3.0V
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
Output
(dBm)
Frequency (MHz)
IF Output versus Frequency
RF =130MHz
AGC=3.0V
10
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Gain (dB)
AGC (V)
Conversion Gain versus AGC
RF=100MHz
0
5
10
15
20
25
30
35
40
0.00.5
1.01.5
2.02.5
3.0
Noise
Figure (dB)
AGC (V)
Noise Figureversus AGC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com