Electronic Components Datasheet Search
  English  ▼

X  

RFFC0085 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFC0085
Description  OUT-OF-BAND TUNER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC0085 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFC0085 Datasheet HTML 1Page - RF Micro Devices RFFC0085 Datasheet HTML 2Page - RF Micro Devices RFFC0085 Datasheet HTML 3Page - RF Micro Devices RFFC0085 Datasheet HTML 4Page - RF Micro Devices RFFC0085 Datasheet HTML 5Page - RF Micro Devices RFFC0085 Datasheet HTML 6Page - RF Micro Devices RFFC0085 Datasheet HTML 7Page - RF Micro Devices RFFC0085 Datasheet HTML 8Page - RF Micro Devices RFFC0085 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
DS100219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFFC0085
*Important Application Note
The following low pass filter should proceed the RFFC0085 in all applications. This filter is used to
reduce down stream interference. This low pass filter is not included on the RFFC0085 evaluation
board.
C4
13pF
C6
15pF
L2
100nH
L4
68nH
L6
68nH
R2
180
Ω
75O RF In
C2
4.3pF
To RFFC0085
RF Input (J3)
C7
3.9pF
C5
15pF
C1
10pF
C3
18pF
Component List for Low Pass Filter:
Circuit Symbol
Value
C7
3.9pF
C2
4.3pF
C1
10pF
C4
13pF
C5, C6
15pF
C3
18pF
L4, L6
68nH
L2
100nH
R2
180 ohm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com