Electronic Components Datasheet Search
  English  ▼

X  

RFFC0085 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFC0085
Description  OUT-OF-BAND TUNER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC0085 Datasheet(HTML) 7 Page - RF Micro Devices

  RFFC0085 Datasheet HTML 1Page - RF Micro Devices RFFC0085 Datasheet HTML 2Page - RF Micro Devices RFFC0085 Datasheet HTML 3Page - RF Micro Devices RFFC0085 Datasheet HTML 4Page - RF Micro Devices RFFC0085 Datasheet HTML 5Page - RF Micro Devices RFFC0085 Datasheet HTML 6Page - RF Micro Devices RFFC0085 Datasheet HTML 7Page - RF Micro Devices RFFC0085 Datasheet HTML 8Page - RF Micro Devices RFFC0085 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
DS100219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFFC0085
Evaluation Board Schematic
5
6
7
8
16
15
14
13
1
4
9
3
10
2
11
12
C13
0.1uF
IN+
IN-
Out+
Out-
GND
X6959D
R14
100
Ω
R15
100
Ω
C3
0.01uF
C4
1000pF
J3
C11
1000pF
C10
1000pF
C9
1000pF
J2
1
2
3
4
L2
1uH
L1
1uH
C5
0.01uF
C12
0.1uF
VDD
J1
R1
470
Ω
C7
1000pF
C6
1000pF
R19
510
Ω
VDD
R8
10 k
Ω
C15
0.1uF
R2
0
Ω
VDD
F2
JP1
Designator
Component Type
Value
Manufacturer
Manufacturer's P/N
C3, C5
Capacitor
0.01uF
Murata Electronics
GRM155R71E103KA01D
C4, C6, C7, C9, C10, C11
Capacitor
1000pF
Murata Electronics
GRM155R71H102KA01E
C12, C13, C15
Capacitor
0.1uF
Murata Electronics
GRM155R71C104KA88D
R1
Resistor
470 ohms
Panasonic
ERJ-2GEJ471
R2
Resistor
0 ohms
Panasonic
ERJ-8GEY0R00
R14, R15
Resistor
100 ohms
Panasonic
ERJ-2GEJ101
R19
Resistor
510 ohms
Panasonic
ERJ-2GEJ511
R8
Resistor
10K ohms
Panasonic
ERJ-2GEJ103
L1, L2
Chip Bead
1uH
Steward
HZ0402B102R-10
F2
SAW Filter
44MHz
Epcos
B39440-X6959-N201
JP1
Connector
DC
Samtec
TSW-104-08-S-S
J1, J2, J3
Connector
SMA
Gigalane
PAF-S05-008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com