Electronic Components Datasheet Search
  English  ▼

X  

RFFC0085 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFC0085
Description  OUT-OF-BAND TUNER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC0085 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFC0085 Datasheet HTML 1Page - RF Micro Devices RFFC0085 Datasheet HTML 2Page - RF Micro Devices RFFC0085 Datasheet HTML 3Page - RF Micro Devices RFFC0085 Datasheet HTML 4Page - RF Micro Devices RFFC0085 Datasheet HTML 5Page - RF Micro Devices RFFC0085 Datasheet HTML 6Page - RF Micro Devices RFFC0085 Datasheet HTML 7Page - RF Micro Devices RFFC0085 Datasheet HTML 8Page - RF Micro Devices RFFC0085 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
DS100219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFFC0085
Pin Configuration
Pin
Function
Description
1MX OUT (-)
MIXER Negative Output. Open Drain. See APPLICATION on Page 5.
2, 12
VDD
Supply Voltage, +3.3V
3RF IN (+)
RF AMP Positive Input. Input impedance, 1K
Ω single ended. See APPLICATION on Page 5.
4RF IN(-)
RF AMP Negative Input. See APPLICATION on Page 5.
5, 6,
15
GND RF
Ground pins. Connect to ground plane with shortest possible length to minimize inductance.
7LO IN (-)
LO Buffer Negative Input.
8LO IN (+)
LO Buffer Positive Input.
9AGC
Automatic Gain Control, Min Gain at AGC=0V, Max Gain at AGC=3.0V.
10
IF OUT (-)
VIDEO AMP Negative Output. This pin and IF OUT 2 form a 1K
Ω output impedance. Open Drain. See APPLICATION on
Page 5.
11
IF OUT (+)
VIDEO AMP Positive Output. See IF OUT (+).
13
IF IN (-)
VIDEO AMP Negative Input.
14
IF IN (+)
VIDEO AMP Positive Input.
16
MX OUT (+)
MIXER Positive Output. Open Drain. See APPLICATION on Page 5.
VAGC
RF IN +
RF IN -
IF OUT +
IFOUT -
5
VDD
6
7
8
VDD
16
15
14
13
1
MXOUT -
4
9
3
10
2
11
EP
12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com