Electronic Components Datasheet Search
  English  ▼

X  

RFFC0085 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFC0085
Description  OUT-OF-BAND TUNER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC0085 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFC0085 Datasheet HTML 1Page - RF Micro Devices RFFC0085 Datasheet HTML 2Page - RF Micro Devices RFFC0085 Datasheet HTML 3Page - RF Micro Devices RFFC0085 Datasheet HTML 4Page - RF Micro Devices RFFC0085 Datasheet HTML 5Page - RF Micro Devices RFFC0085 Datasheet HTML 6Page - RF Micro Devices RFFC0085 Datasheet HTML 7Page - RF Micro Devices RFFC0085 Datasheet HTML 8Page - RF Micro Devices RFFC0085 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
1 of 9
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
RFFC0085
OUT-OF-BAND TUNER
The RFFC0085 is a downconverter designed to be used as an Out-of-Band
Tuner for use in CATV set-top box and Digital Cable Ready TV applications.
The RFFC0085 consists of an input AGC amplifier, mixer, and a video/AGC
amplifier. This device offers optimum performance with low power con-
sumption and low distortion. This product is RoHS compliant.
VDD
MXOUT -
2
RF IN -
1
3
RF IN +
4
5
6
7
8
16
15
14
13
VAGC
IF OUT +
IFOUT -
VDD
9
12
10
11
3.3V Single Supply Operation
Low Power Consumption
(345mW)
Low Distortion: -53dBc at
1VPP
77dB Total Conversion Gain
55dB Total Gain Control
Range
Low LO-RF Leakage
Applications
Cable Set-Top Boxes
Digital Cable Ready Televi-
sions
DS100219
Package: QFN, 16-Pin, 3mm x 3mm
RFFC0085Out-
Of-Band Tuner
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Input Frequency Range
50
150
MHz
High Side LO
LO Input Frequency Range
80
220
MHz
High Side LO
Maximum Conversion Gain
77
dB
Includes saw filter loss at VAGC=3.0V
AGC Voltage
0
3
V
AGC Dynamic Range
50
55
dB
VAGC=0V to 3.0V
Third Order Intermodulation
53
60
dBc
1VPP Differential Output, 1kΩ load
IF Output Level
1
2
VPP
Differential Output, 1k
Ω load
Noise Figure
15
16.5
dB
VAGC=3.0V
LO Leakage at the RF Port
-87
dB
Supply Voltage
3.0
3.3
3.6
V
Supply Current
106
123
mA
VAGC=3.0V
104
123
mA
VAGC=0.0V
Test Conditions: TA=25°C, VDD=3.3V, unless otherwise specified


Similar Part No. - RFFC0085

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071ASB RFMD-RFFC2071ASB Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
More results

Similar Description - RFFC0085

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3220GR NEC-UPC3220GR Datasheet
213Kb / 9P
CATV OUT-OF-BAND TUNER
logo
List of Unclassifed Man...
ISG510065 ETC-ISG510065 Datasheet
231Kb / 8P
CATV OUT-OF-BAND TUNER
logo
SIRENZA MICRODEVICES
S510065 SIRENZA-S510065 Datasheet
170Kb / 7P
CATV OUT-OF- BAND- TUNER
logo
RF Micro Devices
S510075-33Z RFMD-S510075-33Z Datasheet
805Kb / 9P
Out-of-Band Tuner
S510065-55Z RFMD-S510065-55Z Datasheet
572Kb / 10P
CATV OUT-OF-BAND TUNER
logo
Infineon Technologies A...
BGM681L11 INFINEON-BGM681L11 Datasheet
442Kb / 11P
GPS Front-End with high Out-of-Band Attenuation
Rev.2.2, Oct. 2008
logo
Abracon Corporation
AFS20A15-2017.50-T2 ABRACON-AFS20A15-2017.50-T2 Datasheet
2Mb / 4P
Excellent selectivity with high out-of-band rejection
07.24.12
AFS20A53-1575.42-T2 ABRACON-AFS20A53-1575.42-T2 Datasheet
1Mb / 3P
Excellent selectivity with high out-of-band rejection
05.21.12
logo
Transko Electronics, In...
TF525000AU-SP TRANSKO-TF525000AU-SP Datasheet
1Mb / 4P
High Out of Band Rejection
Rev. 0: Jul. 2023
TF566200AU-SP TRANSKO-TF566200AU-SP Datasheet
1Mb / 4P
High Out of Band Rejection
Rev. 0: Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com