Electronic Components Datasheet Search
  English  ▼

X  

RFFC0085 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFC0085
Description  OUT-OF-BAND TUNER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC0085 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFC0085 Datasheet HTML 1Page - RF Micro Devices RFFC0085 Datasheet HTML 2Page - RF Micro Devices RFFC0085 Datasheet HTML 3Page - RF Micro Devices RFFC0085 Datasheet HTML 4Page - RF Micro Devices RFFC0085 Datasheet HTML 5Page - RF Micro Devices RFFC0085 Datasheet HTML 6Page - RF Micro Devices RFFC0085 Datasheet HTML 7Page - RF Micro Devices RFFC0085 Datasheet HTML 8Page - RF Micro Devices RFFC0085 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
DS100219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RFFC0085
Typical Performance Curves (Continued)
72
73
74
75
76
77
78
79
80
81
82
-10
-5
0
5
10
Gain (dB)
LO Power (dBm)
Conversion Gain versus LO Power
10
20
30
40
50
60
70
80
90
0.00.5
1.01.5
2.02.5
3.0
IM3 (dBc)
AGC (V)
IM3 versus AGC
RF=100MHz
Pout = 2.0dBm
-90
-85
-80
-75
-70
-65
100
120
140
160
180
200
Output
(dBm)
Frequency (MHz)
LO Leakage at RF versus LO Frequency
LO=0dBm
AGC=3.0V
0
20
40
60
80
100
120
0.00.5
1.01.5
2.02.5
3.03.5
4.0
Current
(mA)
Voltage (V)
Input Voltageversus Current
20
22
24
26
28
30
32
34
36
0.00.5
1.01.5
2.02.5
3.0
OIP3
(dBm)
AGC (V)
Output IP3 versus AGC
RF = 100MHz
POUT = 2dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com