Electronic Components Datasheet Search
  English  ▼

X  

MAX1007 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1007
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1007 Datasheet HTML 4Page - Maxim Integrated Products MAX1007 Datasheet HTML 5Page - Maxim Integrated Products MAX1007 Datasheet HTML 6Page - Maxim Integrated Products MAX1007 Datasheet HTML 7Page - Maxim Integrated Products MAX1007 Datasheet HTML 8Page - Maxim Integrated Products MAX1007 Datasheet HTML 9Page - Maxim Integrated Products MAX1007 Datasheet HTML 10Page - Maxim Integrated Products MAX1007 Datasheet HTML 11Page - Maxim Integrated Products MAX1007 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
In Figure 3b, the mux selects the signal from one of
three input channels: RPS, FPS1, and FPS2. The PGA
then amplifies or attenuates the input signal according
to the signal power-class level and the transmission
mode (forward or reverse) (Table 1). Three gain set-
tings are provided in the PGA: -0.53, -0.44, and -6. The
voltage range at the internal node PSOUT is equal to
the ADC’s input range.
After the PGA, the signal is fed to a peak detector,
which tracks the input and holds the positive peak volt-
age until the ADC starts a conversion.
Mobile-Radio Analog Controller
8
_______________________________________________________________________________________
+
–
PSBIAS
D1
1k
50
Ω
R3
R1
RF INPUT
R5
300
Ω
1.87V
C3
10pF
RPS
FPS1
FPS2
R2
50
Ω
C2
10pF
C1
10pF
AGND
AGND
C4
1nF
50
Ω TRANSMIT LINE
OR 22nH INDUCTOR
Figure 3a. External Circuit for Envelope Detection
(one channel)
AVDD
ISOURCE
100
µA
PSOUT
PGA
FPS1
FPS2
RPS
Figure 3b. Power-Sense Block
Table 1. Data-Byte Definitions
NAME
D [7:0]
0 0 0
XDAC
Write [7,6]:
[5:0]:
0 0 1
SDAC
Write
[7]:
[6:0]:
A [2:0]
0 1 0
KDAC
Write
[7]:
[6:0]:
0 1 1
GDAC
Write [7,6]:
[6:0]:
1 1 1
ADC
Read [7:0]:
1 1 0
1 0 1
1 0 0
DESCRIPTION
Reserved
XDAC value [5:0]; LSB is bit 0, binary.
F/R bit, defines forward or reverse power-sense measurement
0 = Reverse power-sense measurement; RPS pin
1 = Forward power-sense measurement; FPS1/FPS2 pin
SDAC value [6:0]; LSB is bit 0, binary.
ADC channel selection:
0 = Power sense or RSSI via peak-hold circuit connected to ADC (CH0)
1 = RSSI pin connected to ADC directly (CH1)
KDAC value [6:0]; LSB is bit 0, binary.
Power class:
00 = Class 1
01 = Class 2
10 = Class 3
11 = Class 4
GDAC value [5:0]; LSB is bit 0, binary.
ADC value [7:0]; LSB is bit 0, binary.
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com