Electronic Components Datasheet Search
  English  ▼

X  

MAX1007 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1007
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1007 Datasheet HTML 4Page - Maxim Integrated Products MAX1007 Datasheet HTML 5Page - Maxim Integrated Products MAX1007 Datasheet HTML 6Page - Maxim Integrated Products MAX1007 Datasheet HTML 7Page - Maxim Integrated Products MAX1007 Datasheet HTML 8Page - Maxim Integrated Products MAX1007 Datasheet HTML 9Page - Maxim Integrated Products MAX1007 Datasheet HTML 10Page - Maxim Integrated Products MAX1007 Datasheet HTML 11Page - Maxim Integrated Products MAX1007 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Applications Information
Precautions must be taken to minimize RF coupling
through the IC.
Shutdown Modes
At power-up, the device initializes in total shutdown
mode. The digital interface is always active. Table 2
describes the various power modes available.
When the PGA is not on (in shutdown, standby, or
receive mode, or when PKWDW is low), the PS input
pins (RPS, FPS1, FPS2) are pulled down to ground. To
minimize RF coupling, the unselected channels are
also pulled down to ground when the circuit is active.
The current source and the 1.87V PSBIAS voltage gen-
erator are turned on only when the device is performing
the transmit power-sense measurement.
Power-Supply Bypassing and
Ground Management
Optimum system performance is obtained with printed
circuit boards that use separate analog and digital
ground planes. Wire-wrap boards are not recommend-
ed. The two ground planes should be connected
together at the low-impedance power-supply source.
Bypass AVDD with a 0.1µF ceramic capacitor connect-
ed between AVDD and AGND. Mount it with short leads
close to the device. Similarly bypass DVDD with a 0.1µF
ceramic capacitor connected between DVDD and
DGND. Ferrite beads may also be used to further iso-
late the analog and digital power supplies.
Mobile-Radio Analog Controller
______________________________________________________________________________________
11
ADCCTRL
RSSI
RPS
FPS1
FPS2
PSBIAS
PSDWDW
BANT
t10
t11
OLD DATA
VALID
Figure 4c. Power-Sense/Best-Antenna Detailed Interface
RxEN,
TxEN
DESCRIPTION
0 0
Total shutdown
0 1
Transmit mode, all DACs enabled
1 0
Receive mode, SDAC and GDAC outputs disabled
1 1
Standby: REF, GDAC, and XDAC enabled. Rest of
IC is shut down.
Table 2. Power Modes
CS
SCLK
DIN
START A2
A1
A0 RxEN
COMMAND BYTE
TxEN SD
LD
D7
D6
D5
D4
D3
D2
D1
D0
CS
SCLK
DIN
START A2
A1
A0 RxEN TxEN SD
LD
DOUT
WRITE
READ
D7
D6
D5
D4
D3
D2
D1
D0
COMMAND BYTE
Figure 4d. Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com