Electronic Components Datasheet Search
  English  ▼

X  

MAX1007 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1007
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1007 Datasheet HTML 1Page - Maxim Integrated Products MAX1007 Datasheet HTML 2Page - Maxim Integrated Products MAX1007 Datasheet HTML 3Page - Maxim Integrated Products MAX1007 Datasheet HTML 4Page - Maxim Integrated Products MAX1007 Datasheet HTML 5Page - Maxim Integrated Products MAX1007 Datasheet HTML 6Page - Maxim Integrated Products MAX1007 Datasheet HTML 7Page - Maxim Integrated Products MAX1007 Datasheet HTML 8Page - Maxim Integrated Products MAX1007 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________General Description
The MAX1007 is a multifunctional integrated circuit
designed for high-performance mobile radios. It
includes one 8-bit analog-to-digital converter (ADC),
and two 7-bit and two 6-bit digital-to-analog converters
(DACs) for functions including radio-frequency (RF)
power sensing and antenna-diversity selection.
The ADC provides for power sense, receive-signal
strength intensity (RSSI) measurements and system
supervision. In the power-sense mode, the ADC con-
verts the power-sensing circuitry signal (representing
either the transmitted (Tx) or received (Rx) RF power)
into a digital code, ensuring optimum Tx power setting
and Rx signal analysis. An additional direct input to the
ADC provides for system-supervision measurements,
such as power-supply voltages, battery voltage, and
temperature.
Four DAC blocks typically control DC levels in radios.
As part of the Maxim PWT1900 chip set, the two 7-bit
DACs control the gain settings and the two 6-bit DACs
control the varactor diodes to tune a TCXO and bias a
GaAs amplifier. Each DAC register and output can be
updated independently, providing maximum flexibility.
For antenna diversity, a magnitude-comparison circuit
captures and compares two peak signals. A latched
logic-comparator output reveals which signal has the
largest magnitude. The MAX1007 also includes an on-
board voltage reference for the ADC and DACs.
The MAX1007 offers a high level of signal integrity with
minimal power dissipation. Single-supply operation
ranges from +2.85V to +3.6V. To further save power, there
are two shutdown modes: standby and total shutdown.
Standby is a partial shutdown that keeps the bandgap
reference and the 2.4V reference generator active. Total
shutdown disables all circuit blocks except the serial
interface, reducing supply current to less than 1µA.
The MAX1007 is available in a 24-pin SSOP and is
specified for commercial and extended temperature
ranges.
________________________Applications
PWT1900
Wireless Communications:
Cellular Radios
PMR/SMR
PCS Radios
WLL
____________________________Features
o Multi-Input 8-Bit ADC
o Two 7-Bit DACs with Buffered Outputs
o Two 6-Bit DACs: Buffered/Unbuffered
o Power-Sense Conditioning Circuitry
o RSSI Measurement
o Antenna-Diversity Circuitry
o Internal Reference
o Serial-Logic Interface
o +2.85V to +3.6V Single-Supply Operation
o Two Shutdown Modes
Mobile-Radio Analog Controller
________________________________________________________________
Maxim Integrated Products
1
19-1180; Rev 0; 6/98
PART
MAX1007CAG
MAX1007EAG
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 SSOP
24 SSOP
Ordering Information
Pin Configuration appears at end of data sheet.
CS
SCLK
DIN
7
DOUT
SDAC
CH0
ADC
POWER
SENSE
RPS
RSSI
FPS1
FPS2
SDAC
XDAC
SDG
GDAC
KDAC
CH1
PSBIAS
PSDCTRL
PREAMBLE-SWITCHED DIVERSITY
POWER SENSE CIRCUITRY
PSDWDW
DUAL
T/H
VREF
XDAC
GDAC
KDAC
REF
PSOUT
BANT
ADC CTRL
PKWDW
6
6
7
D FLIP-FLOP
MAX1007
Functional Diagram
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX1007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX100 MAXIM-MAX100 Datasheet
244Kb / 12P
Dual Differential-Output Data Paths
Rev 0; 11/94
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1002 MAXIM-MAX1002 Datasheet
93Kb / 8P
User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1002CAX MAXIM-MAX1002CAX Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
More results

Similar Description - MAX1007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC11372 NSC-SC11372 Datasheet
1Mb / 28P
MOBILE RADIO ANALOG PROCESSOR
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Advanced Crystal Techno...
ACTF446B ACT-ACTF446B Datasheet
132Kb / 3P
Mobile Radio Applications
SEPT 04
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
Mobile Radio - FRS & PMR
SEPT 04
logo
RFHIC
RFC042 RFHIC-RFC042 Datasheet
383Kb / 5P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_17 Datasheet
1Mb / 6P
Mobile Radio Mini Amplifier
logo
WAGO Kontakttechnik Gmb...
750-8207 WAGO-750-8207 Datasheet
904Kb / 17P
Controller PFC200; 2 x ETHERNET, RS-232/-485, Mobile Radio Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com