Electronic Components Datasheet Search
  English  ▼

X  

MAX1007 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1007
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1007 Datasheet HTML 1Page - Maxim Integrated Products MAX1007 Datasheet HTML 2Page - Maxim Integrated Products MAX1007 Datasheet HTML 3Page - Maxim Integrated Products MAX1007 Datasheet HTML 4Page - Maxim Integrated Products MAX1007 Datasheet HTML 5Page - Maxim Integrated Products MAX1007 Datasheet HTML 6Page - Maxim Integrated Products MAX1007 Datasheet HTML 7Page - Maxim Integrated Products MAX1007 Datasheet HTML 8Page - Maxim Integrated Products MAX1007 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
100
50
150
200
250
300
DIFFERENTIAL NONLINEARITY
CODES
1.25
1.35
1.30
1.45
1.40
1.50
1.55
-40
25
85
SUPPLY CURRENT vs. TEMPERATURE
(Tx MODE)
TEMPERATURE (°C)
VDD = 3.6V
VDD = 2.85V
1.80
2.00
1.90
2.20
2.10
2.30
2.40
25
-40
85
SUPPLY CURRENT vs. TEMPERATURE
(Rx MODE)
TEMPERATURE (°C)
VDD = 3.6V
VDD = 2.85V
1.019
1.022
1.021
1.020
1.023
1.024
1.025
-5
-40
25
55
85
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 3.6V
VDD = 2.85V
1.76
1.82
1.80
1.78
1.84
1.86
-5
-40
25
55
85
PS BIAS VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VDD = 3.6V
VDD = 2.85V
Mobile-Radio Analog Controller
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +2.85V to +3.6V, fSCLK = 1.152MHz, TA = TMIN to TMAX, unless otherwise noted.)
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Note 1: All digital inputs at DVDD or DGND.
Note 2: All DACs use an internal reference voltage of 2.42V.
PARAMETER
MIN
TYP
MAX
UNITS
PSDWDW Low to BANT Valid
ADCCTRL Low to RF input
200
ns
100
ns
SCLK Duty Cycle
50
%
SYMBOL
t10
t11
CONDITIONS
RF input on RSSI, RPS, FPS1, FPS2, or
PSBIAS, (Figure 4c)
CL = 20pF (Figure 4c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com