Electronic Components Datasheet Search
  English  ▼

X  

MAX1406C/ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1406C/
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406C/ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1406C/ Datasheet HTML 1Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 2Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 3Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 4Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 5Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 6Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 7Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX1406 is an RS-232 IC designed to meet the
stringent electrostatic discharge (ESD) requirements of
the European community. All transmitter outputs and
receiver inputs are protected to ±15kV using IEC1000-4-2
Air-Gap Discharge, ±8kV using IEC 1000-4-2 Contact
Discharge, and ±15kV using the Human Body Model.
The MAX1406 has three RS-232 transmitters and three
RS-232 receivers, and is optimized for operation in
printer, modem, and telecom applications. It is guaran-
teed to run at data rates up to 230kbps, providing com-
patibility with popular software for communicating with
personal computers. Power-supply current is less than
500µA for IDD and ISS, and less than 1mA for ICC.
The MAX1406 is pin and functionally compatible with the
industry-standard MC145406, so existing designs can
instantly become Electromagnetic Compatibility (EMC)
compliant. The MAX1406 is available in DIP and SO pack-
ages, and in a tiny SSOP that reduces board space.
________________________Applications
Telecommunications
Modems
Printers
Instruments
Equipment Meeting IEC1000-4-2
____________________________Features
o Enhanced ESD Protection:
±15kV Human Body Model
±8kV IEC1000-4-2, Contact Discharge
±15kV IEC1000-4-2, Air-Gap Discharge
o Latchup Free During an ESD Event
o 16-Pin SSOP or SO Packages
o Guaranteed 230kbps Data Rate
o Flow-Through Pinout
o Pin Compatible with MC145406
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
R1OUT
T1IN
R2OUT
T2IN
R3OUT
T3IN
VDD
R1IN
T1OUT
R2IN
T2OUT
R3IN
T3OUT
VSS
TOP VIEW
MAX1406
DIP/SO/SSOP
GND
__________________Pin Configuration
________________Functional Diagram
19-1120; Rev 0; 9/96
PART
MAX1406CPE
MAX1406CWE
MAX1406CAE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Wide SO
16 SSOP
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX1406C/D
0°C to +70°C
Dice*
MAX1406EPE
-40°C to +85°C
16 Plastic DIP
MAX1406EWE
-40°C to +85°C
16 Wide SO
MAX1406EAE
-40°C to +85°C
16 SSOP
*Dice are specified at TA = +25°C, DC parameters only.
VDD
+12V
0.1
µF
VSS
VCC
R3OUT
R3
R3IN
GND
R1OUT
R1
R1IN
R2OUT
R2
R2IN
T1IN
T1OUT
T1
T2IN
T2
T2OUT
T3IN
T3
T3OUT
-12V
+5V
0.1
µF
0.1
µF
MAX1406


Similar Part No. - MAX1406C/

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
%V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400 Datasheet
494Kb / 34P
5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX14001 MAXIM-MAX14001 Datasheet
1Mb / 34P
Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
MAX14001 MAXIM-MAX14001 Datasheet
828Kb / 9P
Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
MAX14001AAP+ MAXIM-MAX14001AAP+ Datasheet
1Mb / 34P
Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
More results

Similar Description - MAX1406C/

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243E STMICROELECTRONICS-ST3243E Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
logo
Maxim Integrated Produc...
MAX3185 MAXIM-MAX3185 Datasheet
64Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
19-1076; Rev 0; 9/96
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
logo
STMicroelectronics
ST3241E STMICROELECTRONICS-ST3241E_06 Datasheet
261Kb / 17P
짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
03-Apr-2006
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com