Electronic Components Datasheet Search
  English  ▼

X  

MAX1406C/ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1406C/
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406C/ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1406C/ Datasheet HTML 1Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 2Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 3Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 4Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 5Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 6Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 7Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V, VDD = +10.8V to +13.2V, VSS = -10.8V to -13.2V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
TIMING CHARACTERISTICS
(TA = +25°C, unless otherwise noted.)
CONDITIONS
k
Ω
35
7
RS-232 Input Resistance
RECEIVER INPUTS (continued)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mA
±10
Receiver Output Short-Circuit
Current
ESD CHARACTERISTICS
Human Body Model
±15
IEC1000-4-2 (Contact Discharge)
±8
IEC1000-4-2 (Air-Gap Discharge)
kV
±15
ESD Protection
VDD = 12V, VSS = -12V,
RL = 3kΩ to 7kΩ, measured
from +3V to -3V or -3V to +3V
µs
0.4
tSKT
Transmitter Propagation Delay
Skew,
|tPLHT - tPHLT|
µs
4
tPLHT
µs
4
tPLHT
Transmitter Output Propagation
Delay, Low to High
Transmitter Output Propagation
Delay, High to Low
V/
µs
412
30
SR
Transition Output Slew Rate
µs
4.0
tPLHR
Receiver Output Propagation
Delay, Low to High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VDD = 12V, VSS = -12V, RL = 3kΩ, CL = 1000pF
CONDITIONS
812
30
µs
4.0
tPHLR
Receiver Output Propagation
Delay, High to Low
µs
0.4
tSKR
Receiver Propagation Delay
Skew,
|tPLHR - tPHLR|
kbps
120
DR
Guaranteed Data Rate
VCC = 5V, VDD = 12V,
VSS = -12V, RL = 3kΩ to 7kΩ
CL = 150pF to
2500pF
VCC = 5V, CL = 50pF
VCC = 5V, CL = 50pF
VCC = 5V, CL = 50pF
CL = 150pF to
2500pF
VDD = 12V, VSS = -12V RL = 3kΩ, CL = 1000pF
VDD = 12V, VSS = -12V RL = 3kΩ, CL = 1000pF
CL = 50pF to
1000pF
CL = 50pF to
1000pF
230



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com