Electronic Components Datasheet Search
  English  ▼

X  

MAX1406C/ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1406C/
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406C/ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1406C/ Datasheet HTML 1Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 2Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 3Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 4Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 5Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 6Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 7Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, VDD = +10.8V to +13.2V, VSS = -10.8V to -13.2V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +7V
VDD .........................................................................-0.3V to +14V
VSS..........................................................................+0.3V to -14V
Input Voltages
TIN .........................................................................-0.3V to +6V
RIN ....................................................................................±30V
Output Voltages
TOUT..................................................................................±15V
ROUT........................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration
TOUT (one at a time)................................................Continuous
ROUT (one at a time)................................................Continuous
Continuous Power Dissipation (TA = +70°C)
DIP (derate 10.53mW/
°C above +70°C) .......................842mW
Wide SO (derate 20.00mW/
°C above +70°C)...................1.6W
SSOP (derate 8.00mW/
°C above +70°C) .....................640mW
Operating Temperature Ranges
MAX1406C_E .......................................................0
°C to +70°C
MAX1406E_E ....................................................-40
°C to +85°C
Storage Temperature Range ............................-65
°C to +160°C
Lead Temperature (soldering, 10sec) ............................+300
°C
VCC = VDD = VSS = 0V, VT_OUT = ±2V
VDD = 7.0V, VSS = -7.0V, RL = 3kΩ
T_IN
T_IN
R_OUT; ISOURCE = 1mA
R_OUT; ISINK = 3.2mA
CONDITIONS
V
2.4
RS-232 Input Threshold High
V
0.75
RS-232 Input Threshold Low
V
-25
+25
Receiver Input Voltage
Operating Range
RECEIVER INPUTS
mA
±35
±60
RS-232 Output Short-Circuit
Current
Ω
300
Transmitter Output Resistance
±5.0
Output Voltage Swing
TRANSMITTER OUTPUTS
V
VCC - 0.6
VOHR
Output Voltage High
V
0.4
VOLR
Output Voltage Low
10.8
13.2
VDD
4.5
5.5
VCC
DC CHARACTERISTICS
µA
0.01
1
Input Leakage Current
V
2.0
VIHT
Input Logic Threshold High
V
0.8
VILT
Input Logic Threshold Low
LOGIC
V
-13.2
-10.8
VSS
Operating Voltage Range
230
1000
ICC
185
500
IDD
µA
185
500
ISS
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VDD = 12V, VSS = -12V, RL = 3kΩ
±9.5
V
V
0.65
RS-232 Input Hysteresis
No load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com