Electronic Components Datasheet Search
  English  ▼

X  

MAX1406C/ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1406C/
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406C/ Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX1406C/ Datasheet HTML 1Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 2Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 3Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 4Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 5Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 6Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 7Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
__________Applications Information
Because the MAX1406 is not sensitive to power-supply
sequencing, no external protection diodes are required.
Any of the three supplies can power up first. However,
use proper layout techniques to ensure other devices
on your board are not damaged in case of an ESD
event.
• Minimize the ground-lead return path to the power
supply, because currents as high as 60A can pass
into the ground.
• Use a separate return path to the power supply.
• Make trace widths greater than 40 mils.
• Bypass VCC, VDD, and VSS with 0.1
µF capacitors as
close to the MAX1406 as possible to ensure maxi-
mum ESD protection.
• Tie any unused transmitter inputs to GND or VCC to
minimize power consumption.
___________________Chip Topography
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
_______________________________________________________________________________________
7
R1IN
VDD VCC
R1OUT
VSS
GND
T1OUT
R2IN
T2OUT
R3IN
T3OUT
T1IN
R2OUT
T2IN
R3OUT
T3IN
0.094"
(2.38mm)
0.153"
(3.89mm)
TRANSISTOR COUNT: 161
SUBSTRATE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com