Electronic Components Datasheet Search
  English  ▼

X  

MAX1406C/ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1406C/
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406C/ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1406C/ Datasheet HTML 1Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 2Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 3Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 4Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 5Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 6Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 7Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
_______________Detailed Description
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic input levels to an EIA/TIA-232 voltage
between ±5V and ±13.2V, into a load between 3k
Ω and
7k
Ω. The MAX1406 guarantees a 230kbps data rate
with a worst-case load of 3k
Ω and 1000pF, providing
compatibility with PC-to-PC communication software.
When the power is off, the MAX1406 outputs are permit-
ted to be driven up to ±15V. The transmitter inputs do
not have internal pull-up resistors. Connect unused
inputs to GND or VCC.
RS-232 Receivers
The receiver inputs invert and convert the RS-232 sig-
nals to CMOS-logic output levels. The MAX1406 has
hysteresis of 650mV. The receiver output swings
between GND and VCC.
±15kV ESD Protection
As with all Maxim devices, electrostatic discharge
(ESD) protection structures are incorporated on all pins
to protect against ESD encountered during handling
and assembly. The MAX1406 driver outputs and receiv-
er inputs have extra protection against static electricity
found in normal operation. Maxim’s engineers devel-
oped state-of-the-art structures to protect these pins
against ±15kV ESD without damage. After an ESD
event, the MAX1406 continues working without latchup.
ESD protection can be tested in several ways. The
transmitter outputs and the receiver inputs are charac-
terized for protection to the following:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact-Discharge method specified
in IEC1000-4-2 (formerly IEC801-2)
3) ±15kV using the Air-Gap Discharge method speci-
fied in IEC1000-4-2 (formerly IEC801-2)
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
NAME
FUNCTION
1
VDD
Supply-Voltage Input, +10.8V to +13.2V
3, 5, 7
T1OUT, T2OUT,T3OUT
Transmitter Outputs, swing between VDD and VSS
PIN
2, 4, 6
R1IN, R2IN, R3IN
Receiver Inputs
8
VSS
Supply-Voltage Input, -10.8V to -13.2V
16
VCC
Supply-Voltage Input, +4.5V to +5.5V
11, 13, 15
R3OUT, R2OUT, R1OUT
Receiver Outputs, swing between GND and VCC
10, 12, 14
T3IN, T2IN, T1IN
Transmitter Inputs. Tie unused inputs to GND or VCC.
9
GND
Ground. Connect to system ground.
Figure 1. Slew-Rate Test Circuit and Timing Diagram
tF2
tF1
tPHL
tPLH
tR1
tR2
1.5V
3.0V
0V
0V
DRIVER
INPUT
VOUT
VOH
VOL
3.3V
3.0V
-3.0V
-3.3V
RL
CL
SIGNAL
GENERATOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com