Electronic Components Datasheet Search
  English  ▼

X  

MAX1406C/ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1406C/
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406C/ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1406C/ Datasheet HTML 1Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 2Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 3Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 4Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 5Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 6Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 7Page - Maxim Integrated Products MAX1406C/ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5.0V, VDD = +12.0V, VSS = -12.0V, TA = +25°C, unless otherwise noted.)
-20
10.8
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-15
-10
-5
0
5
10
15
ICC
20
11.4
12.0
12.6
13.2
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
IDD, 240kbps
IDD, 20kbps
IDD, 120kbps
ISS, 20kbps
ISS, 120kbps
ISS, 240kbps
3k
Ω + 2500pF LOAD
-25
0
SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-15
-20
-10
-5
0
10
5
15
20
25
1000
2000
3000
4000
5000
ICC
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
IDD, 240kbps
IDD, 20kbps
IDD, 120kbps
ISS, 20kbps
ISS, 120kbps
ISS, 240kbps
3k
Ω + CL
0
0
SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2
4
6
8
10
12
14
16
1000
2000
3000
4000
5000
FALL
RISE
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
3k
Ω + CL LOAD
-12.5
0
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-7.5
-10.0
-5.0
-2.5
0
5.0
2.5
7.5
10.0
12.5
1000
2000
3000
4000
5000
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
3k
Ω + CL LOAD
240kbps
120kbps
120kbps
240kbps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com