Electronic Components Datasheet Search
  English  ▼

X  

MAX1637EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1637EEE
Description  Miniature, Low-Voltage, Precision Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1637EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1637EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Miniature, Low-Voltage,
Precision Step-Down Controller
_______________________________________________________________________________________
9
The pulse-width-modulation (PWM) controller consists
of a multi-input PWM comparator, high-side and low-
side gate drivers, and logic. It uses a 200kHz/300kHz
synchronizable oscillator. The MAX1637 contains fault-
protection circuits that monitor the PWM output for
undervoltage and overvoltage. It includes a 1.100V pre-
cision reference. The circuit blocks are powered from
an internal IC power rail that receives power from VCC.
VGG provides direct power to the synchronous-switch
gate driver, but provides indirect power to the high-
side-switch gate driver via an external diode-capacitor
boost circuit.
REF
IC
POWER
200kHz
TO
300kHz
OSC
PWM
LOGIC
3.15V TO 5.5V
VBATT
VOUT
REF
SHDN
SYNC
VCC
DL
PGND
LX
DH
BST
VGG
SKIP
CSH
CSL
FB
CC
REF
GND
VREF +7%
VREF -30%
+
60kHz
LP FILTER
SHUTDOWN
CONTROL
1.1V
REF.
ERROR
INTEGRATOR
+
-
-
-
-
MAX1637
gm
OVERVOLTAGE
FAULT
UNDER-
VOLTAGE
FAULT
OFF
SLOPE
COMPENSATION
VBIAS
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com