Electronic Components Datasheet Search
  English  ▼

X  

MAX1637EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1637EEE
Description  Miniature, Low-Voltage, Precision Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1637EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1637EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX1637 synchronous, buck, switch-mode power-
supply controller generates the CPU supply voltage in
battery-powered systems. The MAX1637 is a stripped-
down version of the MAX1636 in a smaller 16-pin QSOP
package. The MAX1637 is intended to be powered sep-
arately from the battery by an external bias supply (typi-
cally the +5V system supply) in applications where the
battery exceeds 5.5V. The MAX1637 achieves excellent
DC and AC output voltage accuracy. This device can
operate from a low input voltage (3.15V) and delivers the
excellent load-transient response needed by upcoming
generations of dynamic-clock CPUs.
Using synchronous rectification, the MAX1637 achieves
up to 95% efficiency. Efficiency is greater than 80%
over a 1000:1 load-current range, which extends bat-
tery life in system-suspend or standby mode. Excellent
dynamic response corrects output load transients
caused by the latest dynamic-clock CPUs within five
300kHz clock cycles. Powerful 1A on-board gate driv-
ers ensure fast external N-channel MOSFET switching.
The MAX1637 features a logic-controlled and synchro-
nizable, fixed-frequency, pulse-width-modulation
(PWM) operating mode. This reduces noise and RF
interference in sensitive mobile-communications and
pen-entry applications. Asserting the SKIP pin enables
fixed-frequency mode, for lowest noise under all load
conditions. For a stand-alone device that includes a
+5V VL linear regulator and low-dropout capabilities,
refer to the MAX1636 data sheet.
________________________Applications
Notebook Computers
Subnotebook Computers
Handy-Terminals, PDAs
____________________________Features
o ±2% DC Accuracy
o 0.1% (typ) DC Load Regulation
o Adjustable Switching Frequency to 350kHz
o Idle Mode™ Pulse-Skipping Operation
o 1.10V to 5.5V Adjustable Output Voltage
o 3.15V Minimum IC Supply Voltage (at VCC pin)
o Internal Digital Soft-Start
o 1.1V ±2% Reference Output
o 1µA Total Shutdown Current
o Output Overvoltage Crowbar Protection
o Output Undervoltage Shutdown (foldback)
o Tiny 16-Pin QSOP Package
Miniature, Low-Voltage,
Precision Step-Down Controller
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CSH
SKIP
LX
DH
BST
PGND
DL
VGG
VCC
TOP VIEW
MAX1637
QSOP
CSL
FB
SHDN
CC
REF
SYNC
GND
__________________Pin Configuration
__________Typical Operating Circuit
19-1321; Rev 1; 2/98
PART
MAX1637EEE
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
EVALUATION
KIT
AVAILABLE
______________Ordering Information
Idle Mode is a trademark of Maxim Integrated Products.
MAX1637
SHDN
GND
VBATT
VBIAS
DL
PGND
LX
DH
VCC
VGG
BST
CSH
CSL
FB
SKIP
SYNC
REF
CC
OUTPUT


Similar Part No. - MAX1637EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX163-MAX167 MAXIM-MAX163-MAX167 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1630AEAI MAXIM-MAX1630AEAI Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
More results

Similar Description - MAX1637EEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6997 STMICROELECTRONICS-L6997 Datasheet
291Kb / 23P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Apr-2003
logo
Maxim Integrated Produc...
MAX1636 MAXIM-MAX1636 Datasheet
219Kb / 24P
Low-Voltage, Precision Step-Down Controller for Portable CPU Power
19-1268; Rev 0; 8/97
logo
STMicroelectronics
L6997S STMICROELECTRONICS-L6997S Datasheet
515Kb / 30P
STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
Jun-2004
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
logo
Linear Technology
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX20012B MAXIM-MAX20012B Datasheet
1Mb / 27P
Automotive Low-Voltage 2-Channel Step-Down Controller
Rev 8; 8/19
MAX20412 MAXIM-MAX20412 Datasheet
1Mb / 29P
Automotive Low-Voltage, 2-Channel Step-Down Controller
Rev 4; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com