Electronic Components Datasheet Search
  English  ▼

X  

MAX1637EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1637EEE
Description  Miniature, Low-Voltage, Precision Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1637EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1637EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Miniature, Low-Voltage,
Precision Step-Down Controller
_______________________________________________________________________________________
7
MAX1637
0.1
µF
VBIAS
+5V
NOMINAL
0.1
µF
1
µF
470pF
C1
Q1
CMPSH-3
Q2
C2
L1
*
R1
R2
R3
OUTPUT
4.7
µF
*SEE
RECTIFIER CLAMP DIODE SECTION
**OPTIONAL RC NETWORK FOR POWER-ON-RESET
DL
PGND
LX
DH
BST
VGG
VCC
VBATT
CSH
CSL
FB
1M
**
ON/OFF
CC
GND
SHDN
REF
SYNC
20
Ω
SKIP
0.01
µF**
Figure 1. Standard Application Circuit
______Standard Application Circuit
The basic MAX1637 buck converter (Figure 1) is easily
adapted to meet a wide range of applications where a
5V or lower supply is available. The components listed
in Table 1 represent a good set of trade-offs among
cost, size, and efficiency, while staying within the worst-
case specification limits for stress-related parameters
such as capacitor ripple current. Do not change the cir-
cuit’s switching frequency without first recalculating
component values (particularly inductance value at
maximum battery voltage).
The power Schottky diode across the synchronous rec-
tifier is optional because the MOSFETs chosen incorpo-
rate a high-speed silicon diode. However, installing the
Schottky will generally improve efficiency by about 1%.
If used, the Schottky diode DC current must be rated to
at least one-third of the maximum load current.
_______________Detailed Description
The MAX1637 is a BiCMOS, switch-mode power-supply
(SMPS) controller designed primarily for buck-topology
regulators in battery-powered applications where high
efficiency and low quiescent supply current are critical.
Light-load efficiency is enhanced by automatic idle-
mode operation—a variable-frequency, pulse-skipping
mode that reduces transition and gate-charge losses.
The step-down, power-switching circuit consists of two
N-channel MOSFETs, a rectifier, and an LC output filter.
Output voltage for this device is the average AC volt-
age at the switching node, which is regulated by
changing the duty cycle of the MOSFET switches. The
gate-drive signal to the high-side N-channel MOSFET,
which must exceed the battery voltage, is provided by
a flying-capacitor boost circuit that uses a 100nF
capacitor between BST and LX. Figure 2 shows the
major circuit blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com