Electronic Components Datasheet Search
  English  ▼

X  

MAX1637EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1637EEE
Description  Miniature, Low-Voltage, Precision Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1637EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1637EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
0
10
5
15
20
0
3
4
1
2
5
6
8
7
9
SUPPLY CURRENT
vs. LOAD CURRENT
LOAD CURRENT (A)
SYNC = HIGH
SYNC = LOW
SKIP = LOW
Miniature, Low-Voltage,
Precision Step-Down Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VCC = VGG = 5V, SYNC = VCC, IREF = 0mA, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
SHDN, SKIP, SYNC
SHDN, SKIP, SYNC
% of nominal output
FB, with respect to regulation point
CONDITIONS
V
0.8
Logic Input Voltage Low
V
2.4
Logic Input Voltage High
%
60
80
Output Undervoltage Lockout Threshold
%
4.0
10
Overvoltage Trip Threshold
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: Guaranteed by design, not production tested.
Note 2: Specifications from -40°C to 0°C are guaranteed by design and not production tested.
__________________________________________Typical Operating Characteristics
(VOUT = 3.3V, TA = +25°C, unless otherwise noted.)
100
50
0.01
10
1
0.1
EFFICIENCY vs. LOAD CURRENT
(1.7V/7A CIRCUIT)
70
60
90
80
LOAD CURRENT (A)
SKIP = LOW
VBATT = 7V
VBATT = 15V
VBATT = 22V
100
0
0.001
10
1
0.01
0.1
EFFICIENCY vs. LOAD CURRENT
(2.5V/3A CIRCUIT)
40
30
20
10
80
70
90
60
50
LOAD CURRENT (A)
VBATT = 15V
SKIP = LOW
VBATT = 7V
VBATT = 22V
100
50
0.01
10
1
0.1
EFFICIENCY vs. LOAD CURRENT
(2.5V/2A CIRCUIT)
70
60
90
80
LOAD CURRENT (A)
VBATT = 7V
SKIP = LOW
VBATT = 15V
VBATT = 22V
100
50
0.01
10
1
0.1
EFFICIENCY vs. LOAD CURRENT
(3.3V/3A CIRCUIT)
70
60
90
80
LOAD CURRENT (A)
VBATT = 5V
VBATT = 30V
VBATT = 15V
SKIP = LOW
0
10
5
15
20
3.0
4.0
3.5
4.5
5.0
5.5
6.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
ILOAD = 1A
VOUT = 3.3V
SKIP = HIGH
SKIP = LOW
OVERVOLTAGE PROTECTION
INPUTS AND OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com