Electronic Components Datasheet Search
  English  ▼

X  

MAX1637EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1637EEE
Description  Miniature, Low-Voltage, Precision Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1637EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1637EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1637EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Miniature, Low-Voltage,
Precision Step-Down Controller
6
_______________________________________________________________________________________
____________________________________Typical Operating Characteristics (continued)
(VOUT = 3.3V, TA = +25°C, unless otherwise noted.)
500
µs/div
TIME EXITING SHUTDOWN
(VOUT = 3.3V, ILOAD = 7A)
MAX1637-16
VOUT
1V/div
VSHDN
5V/div
VOUT
100mV/div
VDL
INDUCTOR
CURRENT
-5A
0A
0V
5V
-10A
OVERVOLTAGE-PROTECTION WAVEFORMS
(VIN SHORTED TO VOUT
THROUGH A 0.5
Ω RESISTOR)
MAX1637-17
10
µs/div
______________________________________________________________Pin Description
PIN
High-Side Current-Sense Input
CSH
1
FUNCTION
NAME
Low-Side Current-Sense Input
CSL
2
Compensation Pin. Connect a small capacitor to GND to set the integration time constant.
CC
4
Feedback Input. Connect to center of resistor divider.
FB
3
Shutdown Control Input. Turns off entire IC. When low, reduces supply current below 0.5µA (typ). Drive with
logic input or connect to RC network between GND and VCC for automatic start-up.
SHDN
6
Analog Ground
GND
8
Oscillator Frequency Select and Synchronization Input. Tie to VCC for 300kHz operation; tie to GND for
200kHz operation.
SYNC
7
1.100V Reference Output. Capable of sourcing 50µA for external loads. Bypass with 0.22µF minimum.
REF
5
Gate-Drive and Boost-Circuit Power Supply. Can be driven from a supply other than VCC. If the same supply
is used by both VCC and VGG, isolate VCC from VGG with a 20Ω resistor. Bypass to PGND with a 4.7µF
capacitor. VGG current = (QG1 + QG2) x f, where QG is the MOSFET gate charge at VGS = VGG.
VGG
10
Power Ground
PGND
12
Low-Side Gate-Driver Output
DL
11
High-Side Gate-Driver Output
DH
14
Low-Noise Mode Control. Forces fixed-frequency PWM operation when high.
SKIP
16
Inductor Connection
LX
15
Boost Capacitor Connection
BST
13
Main Analog Supply-Voltage Input to the Chip. VCC powers the PWM controller, logic, and reference. Input
range is 3.15V to 5.5V. Bypass to GND with a 0.1µF capacitor close to the pin.
VCC
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com