Electronic Components Datasheet Search
  English  ▼

X  

IR3548 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3548
Description  Integrated Dual, Doubler or Quad mode Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3548 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3548 Datasheet HTML 17Page - International Rectifier IR3548 Datasheet HTML 18Page - International Rectifier IR3548 Datasheet HTML 19Page - International Rectifier IR3548 Datasheet HTML 20Page - International Rectifier IR3548 Datasheet HTML 21Page - International Rectifier IR3548 Datasheet HTML 22Page - International Rectifier IR3548 Datasheet HTML 23Page - International Rectifier IR3548 Datasheet HTML 24Page - International Rectifier IR3548 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
IR3548
21 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
January 08, 2014
turned on, the SW voltage is driven to the VIN
supply voltage and the BOOT pin voltage is equal to
VIN plus the VDRV voltage without any bootstrap
diode voltage drop.
When the PWM signal goes low, the control
MOSFET is turned off by pulling the gate to the SW
voltage.
SYNCHRONOUS MOSFET DRIVER
The
IR3548
synchronous
MOSFET
driver
is
designed to drive the internal N-channel MOSFET to
frequencies of 1.5MHz. The driver is biased from the
VDRV supply voltage to turn the MOSFET on.
When the synchronous MOSFET is turned on the
SW node is pulled to ground. This allows recharging
of the bootstrap capacitor for the next synchronous
MOSFET drive event.
ADAPTIVE DEAD TIME ADJUSTMENT
In a synchronous buck converter care should be
taken to prevent both control and synchronous
MOSFETs from being on simultaneously. Such an
event could result in very large shoot-through
currents and lead to long term degradation of the
power stage. A fixed dead time does not provide
optimal performance due to variations in converter
duty cycles, bias voltages and temperature.
The
IR3548
provides
an
adaptive
dead
time
adjustment to minimize dead time to an optimum
duration which allows for maximum efficiency.
The ‘break before make’ adaptive design is achieved
by monitoring gate and SW voltages to determine
the ON or OFF status of a MOSFET. Adaptive
dead time also provides zero-voltage switching
(ZVS) of the synchronous MOSFET with minimum
current conduction through its body diode.
During
normal
operation
the
PWM
transitions
between low and high voltage levels to drive the
control and synchronous MOSFETs. The high
voltage level is 1.8V for IR ATL mode and 3.3V for
standard PWM mode.
The PWM signal falling edge transition to a low
voltage threshold initiates the control MOSFET
driver turn off after a short propagation delay. The
dead time control circuit monitors the internal high
gate signals and respective SW voltages to ensure
the control MOSFET is turned off before turning on
the synchronous MOSFET.
The PWM rising edge transition to a high voltage
threshold initiates the turn off of the synchronous
MOSFET after a small propagation delay. The
adaptive dead time circuit provides the appropriate
dead time by determining if the synchronous
MOSFET gate voltage has crossed the lower
threshold before allowing the turn on of the control
MOSFET.
INPUT VOLTAGE DIVIDER
The VINDIV can be used to provide input voltage
VIN1 information to the PWM controller with a ratio
of 1/14 through an internal resistor divider, which is
disconnected from VIN1 when EN1 is low to reduce
the bias current of the IR3548.
FREQUENCY RANGE
The IR3548 is designed to operate over a wide
frequency range. When operating in Dual Mode, the
PWM input and respective SW output frequencies
are identical. When operating in Doubler mode, the
PWM1 input frequency is twice the SW1 or SW2
output frequencies. When operating in Quad mode,
the Master PWM1 input frequency is four times the
four SW output frequencies.
The lower limit of the output frequency range is
dictated by the size of the BOOT capacitor which
provides bias to the control MOSFET driver during
the entire on-time. The upper limit of frequency is
determined by thermal limitations as well as pulse
width limitations. The IR3548 is designed to operate
with switching frequencies of each phase between
200kHz and 1.5MHz.
USING A DUAL MODE DRIVER AS A SINGLE
DRIVER
To use the IR3548 in a single phase converter,
simply set Dual mode, ground EN2 pin and leave the
unused PWM2 input floating, as shown in Figure 5.
DUAL MODE REACTION TO TRI-STATE
PWM INPUT
Anytime there is a tri-state on the PWM1 or PWM2,
the respective SW output is tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com