Electronic Components Datasheet Search
  English  ▼

X  

IR3548 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3548
Description  Integrated Dual, Doubler or Quad mode Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3548 Datasheet(HTML) 1 Page - International Rectifier

  IR3548 Datasheet HTML 1Page - International Rectifier IR3548 Datasheet HTML 2Page - International Rectifier IR3548 Datasheet HTML 3Page - International Rectifier IR3548 Datasheet HTML 4Page - International Rectifier IR3548 Datasheet HTML 5Page - International Rectifier IR3548 Datasheet HTML 6Page - International Rectifier IR3548 Datasheet HTML 7Page - International Rectifier IR3548 Datasheet HTML 8Page - International Rectifier IR3548 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IR3548
1 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
January 08, 2014
60A Dual Integrated PowIRstage
FEATURES
• Integrated Dual, Doubler or Quad mode Driver
• 2 pairs of high and low side MOSFETs
• Peak efficiency up to 94% at 1.2V
• Variable gate drive, VDRV, from 4.25V to 12V
to optimize system efficiency
• 5V VCC and VDRV capability for sleep states
where only 5V is available
• Input voltage (VIN) range of 4.25V to 17V
• Output current capability of 30A/phase
• Switching frequency up to 1.5MHz
• Ultra-low Rg MOSFET technology minimizes
switching losses for optimized high frequency
performance
• Synchronous
MOSFET
with
monolithic
integrated Schottky diode reduces dead-time
and diode reverse recovery losses
• Low quiescent current (1uA typical) for
VR12.6/VR12.6+ notebook applications.
• Independent enable control for each phase
• Support both industry standard 3.3V tri-state
PWM and IR Active Tri-Level (ATL) PWM logic
• Small 6mm x 8 mm x 0.9mm PQFN package
• Lead-free RoHS compliant package
APPLICATIONS
• High frequency, low profile DC-DC converters
• Voltage Regulators for CPUs, GPUs, and DDR
memory arrays of servers, notebook.
DESCRIPTION
The IR3548 is a dual integrated PowIRstage® is a
with 2 pairs of co-packed control and synchronous
MOSFETs and an optimized dual phase driver. The
package is optimized internally for PCB layout, heat
transfer and package inductance. The integrated
driver is capable of operating as a Dual driver (2 PWM
controlling 2 phases), a Doubler driver (1 PWM
controlling 2 phases) or a Quad driver (1 PWM
controlling 4 phases in two IR3548s).
Up to 1.5MHz switching frequency enables high
performance
transient
response,
allowing
miniaturization of output inductors, as well as input
and output capacitors while maintaining industry
leading efficiency. Integrating two phases in one
package while still providing superior efficiency and
thermal performance, the IR3548 enables smallest
size and lower solution cost. The lower quiescent
current
makes
it
suitable
for
next
generation
VR12.6/VR12.6+ notebook applications.
The IR3548 uses IR’s latest generation of low
voltage
MOSFET
technology
characterized
by
ultra-low gate resistance (Rg) and charge (Qg) that
result in minimized switching losses. The synchronous
MOSFET optimizes conduction losses and features a
monolithic integrated Schottky to significantly reduce
dead-time and diode conduction and reverse recovery
losses.
The IR3548 is optimized specifically for CPU core
power delivery in 12Vin applications like servers,
certain notebooks, GPU and DR memory designs.
ORDERING INFORMATION
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR3548MTRPBF
PQFN 6 mm x 8 mm
Tape and Reel
3000


Similar Part No. - IR3548

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3541 IRF-IR3541 Datasheet
390Kb / 3P
Digital Multi-Phase Buck Controller Dual OCP support for I-spike enhanced AMD CPUs
IR3541 IRF-IR3541 Datasheet
390Kb / 3P
Digital Multi-Phase Buck Controller
logo
Infineon Technologies A...
IR35411 INFINEON-IR35411 Datasheet
193Kb / 2P
The latest generation of high efficiency 25 V integrated power stages
03 / 2016
IR35411MTRPBFAUMA1 INFINEON-IR35411MTRPBFAUMA1 Datasheet
193Kb / 2P
The latest generation of high efficiency 25 V integrated power stages
03 / 2016
IR35412 INFINEON-IR35412 Datasheet
193Kb / 2P
The latest generation of high efficiency 25 V integrated power stages
03 / 2016
More results

Similar Description - IR3548

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2631 NTE-NTE2631 Datasheet
24Kb / 3P
Integrated Circuit Quad Differential Line Driver
logo
STMicroelectronics
L9363 STMICROELECTRONICS-L9363 Datasheet
351Kb / 6P
QUAD INTEGRATED LOW SIDE DRIVER
logo
Fairchild Semiconductor
FDMS2380 FAIRCHILD-FDMS2380 Datasheet
377Kb / 15P
Dual Integrated Solenoid Driver
logo
Intersil Corporation
ISL6611A INTERSIL-ISL6611A Datasheet
303Kb / 14P
Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
logo
International Rectifier
IR3598 IRF-IR3598 Datasheet
518Kb / 20P
Dual/Doubler Interleaved MOSFET Driver
IR3598 IRF-IR3598_15 Datasheet
491Kb / 21P
Dual/Doubler Interleaved MOSFET Driver
logo
M/A-COM Technology Solu...
XX1010-QT MA-COM-XX1010-QT_15 Datasheet
728Kb / 6P
Integrated Gain, Doubler and Driver Stages
logo
STMicroelectronics
STM32F732XX STMICROELECTRONICS-STM32F732XX Datasheet
1Mb / 122P
Dual mode Quad-SPI
21-Sep-2016
STM32F765XX STMICROELECTRONICS-STM32F765XX Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
STM32F777XX STMICROELECTRONICS-STM32F777XX Datasheet
3Mb / 255P
Dual mode Quad-SPI
22-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com