Electronic Components Datasheet Search
  English  ▼

X  

IR3548 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3548
Description  Integrated Dual, Doubler or Quad mode Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3548 Datasheet(HTML) 4 Page - International Rectifier

  IR3548 Datasheet HTML 1Page - International Rectifier IR3548 Datasheet HTML 2Page - International Rectifier IR3548 Datasheet HTML 3Page - International Rectifier IR3548 Datasheet HTML 4Page - International Rectifier IR3548 Datasheet HTML 5Page - International Rectifier IR3548 Datasheet HTML 6Page - International Rectifier IR3548 Datasheet HTML 7Page - International Rectifier IR3548 Datasheet HTML 8Page - International Rectifier IR3548 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
IR3548
4 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
January 08, 2014
TYPICAL APPLICATION
SW1
VIN1
VIN2
PGND
VCC
BOOT1
PWM1
LGND
FUNCTION
EN1
MODE
IR3548
VINDIV
VIN
VOUT
CIN2
47uF x4
CBOOT1
0.22uF
L1
150nH
COUT
470uF x3
CIN1
0.1uF x2
5V
CVCC
0.1uF
SW2
BOOT2
CBOOT2
0.22uF
L2
150nH
VDRV
VDRV
CVDRV
1uF
PWM2
EN2
+ CS1 -
+ CS2 -
GATEL1
GATEL2
GATEL2
GATEL1
VINSEN
PWM1
PSI#1
PWM2
PSI#2
IR3588
+
CS1
-
ISEN1
IRTN1
ISEN2
IRTN2
+
CS2
-
VRTN
VSEN
VRDY
SV_ALERT#
SV_CLK
SV_DIO
EN
SM_DIO
SM_CLK
VRHOT_ICRIT#
VCC
CFLT
LGND
SVADDR_1
ADDR_PROT
3.3V
TSEN
RCSP
RCSM
C3V3
1uF
CFLT
1uF
CRCS
100pF
DTSEN
RT
10k
Ω
CCS1
0.22uF
CCS2
0.22uF
RCS2
2.49k
Ω
RCS1
2.49k
Ω
From / To
System
Figure 3: High Density Two-Phase Voltage Regulator, Standard Tri-state PWM, Dual Driver Mode
SW1
VIN1
VIN2
PGND
VCC
BOOT1
PWM1
LGND
FUNCTION
EN1
MODE
IR3548
VINDIV
VIN
VOUT1
CIN2
47uF x4
CBOOT1
0.22uF
L1
150nH
COUT1
470uF x3
CIN1
0.1uF x2
VCC
CVCC
0.1uF
SW2
BOOT2
CBOOT2
0.22uF
L2
150nH
VDRV
VDRV
CVDRV
1uF
PWM2
EN2
VOUT2
COUT2
470uF x3
Two
single-
phase
PWM
controllers
GATEL1
GATEL1
GATEL2
GATEL2
CCS1
0.22uF
RCS1
2.49k
Ω
CCS2
0.22uF
RCS2
2.49k
Ω
+ CS1 -
+ CS2 -
+
CS1
-
+
CS2
-
+
-
VOUT1
SENSE
+
-
VOUT2
SENSE
Figure 4: IR3548 Two Single-Phase Voltage Regulators, Standard Tri-state PWM, Dual Driver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com