Electronic Components Datasheet Search
  English  ▼

X  

IR3548 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3548
Description  Integrated Dual, Doubler or Quad mode Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3548 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3548 Datasheet HTML 2Page - International Rectifier IR3548 Datasheet HTML 3Page - International Rectifier IR3548 Datasheet HTML 4Page - International Rectifier IR3548 Datasheet HTML 5Page - International Rectifier IR3548 Datasheet HTML 6Page - International Rectifier IR3548 Datasheet HTML 7Page - International Rectifier IR3548 Datasheet HTML 8Page - International Rectifier IR3548 Datasheet HTML 9Page - International Rectifier IR3548 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
IR3548
6 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
January 08, 2014
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1, 2, 48, 49
VIN1
High current input supply pins for Phase 1. Recommended operating range is 4.25V to
17V. Connect at least a 10uF 1206 ceramic capacitor and a 0.1uF 0402 ceramic capacitor.
Place the capacitors as close as possible to VIN1 pins and PGND pins (46 and 47). The
0.1uF 0402 capacitor should be on the same side of the PCB as the IR3548.
3
VINDIV
Output containing divided VIN1 analog information, (VIN1-LGND) / 14 with respect to
LGND. The internal resistor divider is disconnected from VIN1 when EN1 is low.
4
EN1
Phase 1 ENABLE input in Dual mode and Phases 1 & 2 ENABLE input in Doubler or Quad
mode. Grounding this pin places Phase 1 in low quiescent mode as a Dual driver and sets
both phases in low quiescent mode as a Doubler or Quad driver. The pin is also used to
communicate VDRV UVLO, VCC UVLO or over temperature condition; EN1 is pulsed low
under the fault. The pin must be driven high with a pullup resistor or grounded and should
not be floated.
5
PWM1
The PWM1 is the control input for the first driver with either an IR ATL compatible signal or
an industry standard Tri-State signal. Connect this pin to the PWM output of the controller.
As a Dual driver, PWM1 controls gate drivers for Phase 1 (Q1 and Q2), and as a Doubler
or Quad driver, PWM1 controls both phases (Q1 and Q2 as well as Q3 and Q4).
6
VCC
Bias voltage for control logic. Connect this pin to a +5V bias supply. Place a high quality
low ESR 0.1uF ceramic capacitor from this pin to the LGND pin.
7
BOOT1
Floating bootstrap supply pin for the gate drive of control MOSFET Q1. Connect the
bootstrap capacitor between this pin and the SW1 pin. The bootstrap capacitor provides
the charge to turn on the control MOSFET Q1. See the Internal Bootstrap Device section
under DESCRIPTION for guidance in choosing the capacitor value.
8, 45
GATEL1
Gate connection of the Phase 1 synchronous MOSFET Q2. Use a short, wide and direct
PCB trace to connect the two pins.
9
LGND
Bias and reference ground. All control signals are referenced to this node.
10, 23, 24,
46, 47, 50
PGND
High current power ground. Note all pins are internally connected in the package. Provide
low resistance connections to the ground plane and respective output capacitors.
11
VDRV
Connect this pin to a separate supply voltage between 4.25V and 12V to vary the drive
voltage on both the control and synchronous MOSFETs. Place a high quality low ESR
ceramic capacitor from this pin to PGND pin (10).
12, 22
GATEL2
Gate connection of the Phase 2 synchronous MOSFET Q4. Use a short, wide and direct
PCB trace to connect the two pins.
13
BOOT2
Floating bootstrap supply pin for the gate drive of control MOSFET Q3. Connect the
bootstrap capacitor between this pin and the SW2 pin. The bootstrap capacitor provides
the charge to turn on the control MOSFET Q3. See the Internal Bootstrap Device section
under DESCRIPTION for guidance in choosing the capacitor value.
14
PWM2 / PWMIO1
Dual function pin. It is PWM2 in Dual mode. The PWM2 is the control input for the second
driver with either an IR ATL compatible signal or an industry standard Tri-State signal.
Connect this pin to the PWM output of the controller. As a DUAL driver, PWM2 controls
gate drivers for Phase 2. As a DOUBLER driver, the pin is un-used and is internally
disconnected. As a QUAD driver, the pin becomes PWMIO1, a CMOS input or output
depending on the configuration of the IR3548 as a slave or master repectively. Refer to
Table 1 on page 3 for more details.
15
EN2 / PWMIO2
Dual function pin. It is Phase 2 ENABLE input as a Dual driver. The pin must be driven high
or low in this mode and should not be floated. Grounding this pin places Phase 2 in low
quiescent mode. As a DOUBLER driver, the pin is un-used and is internally disconnected.
As a QUAD driver, the pin becomes PWMIO2, a CMOS input or output depending on the
configuration of the IR3548 as a slave or master respectively. Refer to Table 1 on page 3
for more details.
16
FUNCTION
FUNCTION pin used to select between Dual, Doubler and Quad driver modes. Voltage
lower than 0.8V sets Dual mode; voltage higher than 2.0V sets Doubler mode; Floating the
pin (or between 1.2V and 1.6V) sets Quad mode. This pin in combination with the MODE
pin also determines Master or Slave behavior in Quad mode. The pin status is sensed
when EN1 is enabled or VCC UVLO is cleared. Refer to Table 1 on page 3 for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com