Electronic Components Datasheet Search
  English  ▼

X  

IR3548 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3548
Description  Integrated Dual, Doubler or Quad mode Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3548 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3548 Datasheet HTML 4Page - International Rectifier IR3548 Datasheet HTML 5Page - International Rectifier IR3548 Datasheet HTML 6Page - International Rectifier IR3548 Datasheet HTML 7Page - International Rectifier IR3548 Datasheet HTML 8Page - International Rectifier IR3548 Datasheet HTML 9Page - International Rectifier IR3548 Datasheet HTML 10Page - International Rectifier IR3548 Datasheet HTML 11Page - International Rectifier IR3548 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
IR3548
8 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
January 08, 2014
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
PIN Number
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1, 2, 48, 49
VIN1
25V
-0.3V
5A RMS
20A RMS
3
VINDIV
VCC +0.3V
-0.3V
1mA
1mA
4
EN1
VCC +0.3V
-0.3V
1mA
50mA
5
PWM1
VCC +0.3V
-0.3V
5mA
1mA
6
VCC
6.5V
-0.3V
NA
100mA
7
BOOT1
15V with respect
to SW1, 35V with
respect to PGND
-0.3V with respect to
SW1
1A for <100ns,
100mA DC
2A for <100ns,
100mA DC
8, 45
GATEL1
15V with respect
to PGND
-5V for <200ns,
-0.3V DC with respect
to PGND
2A for <100ns,
200mA DC
4A for <100ns,
200mA DC
9
LGND
0V
0V
50mA
1mA
10, 23, 24, 46, 47, 50
PGND
300mV
-300mV
40A RMS
80A RMS
11
VDRV
13.2V
-0.3V
NA
200mA
12, 22
GATEL2
15V with respect
to PGND
-5V for <200ns,
-0.3V DC with respect
to PGND
2A for 100ns,
200mA DC
4A for <100ns,
200mA DC
13
BOOT2
15V with respect
to SW2, 35V with
respect to PGND
-0.3V with respect to
SW2
1A for <100ns,
100mA DC
2A for <100ns,
100mA DC
14
PWM2 / PWMIO1
VCC +0.3V
-0.3V
10mA
10mA
15
EN2 / PWMIO2
VCC +0.3V
-0.3V
10mA
10mA
16
FUNCTION
VCC +0.3V
-0.3V
5mA
1mA
17
MODE
VCC +0.3V
-0.3V
5mA
1mA
18-21
VIN2
25V
-0.3V
5A RMS
20A RMS
25-34
SW2
25V
-8V for <200ns,
-0.3V DC
50A RMS
25A RMS
35-44
SW1
25V
-8V for <200ns,
-0.3V DC
50A RMS
25A RMS
THERMAL INFORMATION
Thermal Resistance, Junction to Top (θ
JC_TOP)
11.0 °C/W
Thermal Resistance, Junction to PCB (Pin 47
) (θ
JB)
1.7 °C/W
Thermal Resistance (θ
JA)
1
18.4 °C/W
Maximum Operating Junction Temperature
-40°C to 150°C
Maximum Storage Temperature Range
-65°C to 150°C
ESD Rating
HBM Class 1A JEDEC Standard
MSL Rating
3
Reflow Temperature
260°C
Note:
1.
Thermal Resistance (θ
JA) is measured with the component mounted on a high effective thermal conductivity test board in free air.
Refer to International Rectifier Application Note AN-994 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com