Electronic Components Datasheet Search
  English  ▼

X  

IR3548 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3548
Description  Integrated Dual, Doubler or Quad mode Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3548 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3548 Datasheet HTML 3Page - International Rectifier IR3548 Datasheet HTML 4Page - International Rectifier IR3548 Datasheet HTML 5Page - International Rectifier IR3548 Datasheet HTML 6Page - International Rectifier IR3548 Datasheet HTML 7Page - International Rectifier IR3548 Datasheet HTML 8Page - International Rectifier IR3548 Datasheet HTML 9Page - International Rectifier IR3548 Datasheet HTML 10Page - International Rectifier IR3548 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
IR3548
7 www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
January 08, 2014
PIN #
PIN NAME
PIN DESCRIPTION
17
MODE
PWM mode pin used to select either IR ATL input or industry tri-state PWM input. This pin
in combination with the FUNCTION pin also determines Master or Slave behavior in Quad
mode. Pin should be tied to LGND or VCC, and the pin status is sensed at EN1 enable or
when VCC UVLO is cleared. Refer to Table 1 on page 3 for more details.
18-21
VIN2
High current input supply pins for Phase 2. Recommended operating range is 4.25V to
17V. Connect at least a 10uF 1206 ceramic capacitor and a 0.1uF 0402 ceramic capacitor.
Place the capacitors as close as possible to VIN2 pins and PGND pins (23 and 24). The
0.1uF 0402 capacitor should be on the same side of the PCB as the IR3548.
25-34
SW2
High Current Switch Node for Phase 2 (Q3 and Q4).
35-44
SW1
High Current Switch Node for Phase 1 (Q1 and Q2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com