Electronic Components Datasheet Search
  English  ▼

X  

MAX3760ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3760ESA
Description  622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3760ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3760ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX3760 is a transimpedance preamplifier for
622Mbps ATM applications. It operates from a single
+5V supply and typically consumes only 100mW
power. The preamplifier converts a small photodiode
current to a differential voltage. A DC cancellation cir-
cuit provides a true differential output swing over a
wide range of input current levels, thus reducing pulse-
width distortion.
6.5k
Ω transimpedance gain and 560MHz bandwidth,
combined with low 73nA input-referred noise, provide
-31.5dBm typical sensitivity in 1300nm receivers. The
circuit accepts a 1mAp-p input current, resulting in a
typical optical overload of -3dBm. The device operates
over an extended temperature range of -40°C to +85°C.
The MAX3760 is internally compensated and requires
few external components. In die form it includes a
space-saving filter connection, which provides positive
bias for the photodiode through a 1k
Ω resistor to VCC.
These features, combined with the die aspect ratio and
dimensioning, allow the MAX3760 to assemble easily
into a TO-style header with a photodiode.
The MAX3760 is designed to be used with either the
MAX3761 or the MAX3762 limiting-amplifier ICs. When
combined with a photodiode, the chipset forms a com-
plete 5V, 622Mbps receiver. The MAX3760 is available
in die form and in an 8-pin SO package.
________________________Applications
622Mbps ATM LAN Optical Receivers
622Mbps WAN Optical Receivers
____________________________Features
o 73nA RMS Input-Referred Noise
o 560MHz Bandwidth
o 1mA Peak Input Current
o 6.5k
Ω Gain
o Operation from -40°C to +85°C
o 100mW Typical Power Consumption
o Single +5V Supply
622Mbps, Low-Noise Transimpedance
Preamplifier for LAN and WAN Optical Receivers
________________________________________________________________
Maxim Integrated Products
1
MAX3760
MAX3761
MAX3762
LIMITING
AMPLIFIER
(FILTER)
OUT+
0.01
µF
0.01
µF
+5V
0.01
µF
100
Ω
(OPTIONAL)
OUT-
GND
COMP*
100pF
( ) INDICATE PINS AVAILABLE ONLY ON THE DIE.
*NOT CONNECTED
1k
VCC
INREF
IN
Typical Application Circuit
OUT-
INREF
GND
GND
1
2
8
7
COMP
OUT+
IN
VCC
MAX3760
SO
TOP VIEW
3
4
6
5
Pin Configuration
19-4765; Rev 0; 7/98
PART
MAX3760ESA
MAX3760E/D
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
Dice*
EVALUATION
KIT
AVAILABLE
Ordering Information
*
Dice are designed to operate over a -40°C to +100°C junction
temperature (Tj) range, but are tested and guaranteed at
TA = +25°C.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX3760ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3760EVKIT MAXIM-MAX3760EVKIT Datasheet
61Kb / 8P
MAX3760 Evaluation Kit
Rev 0; 7/98
MAX3760EVKIT-SO MAXIM-MAX3760EVKIT-SO Datasheet
61Kb / 8P
MAX3760 Evaluation Kit
Rev 0; 7/98
More results

Similar Description - MAX3760ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3664 MAXIM-MAX3664 Datasheet
236Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-0479; Rev 1; 7/97
MAX3665 MAXIM-MAX3665 Datasheet
584Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
MAX3766 MAXIM-MAX3766 Datasheet
250Kb / 20P
622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
19-1249; Rev 0b; 10/97
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
Mitsubishi Electric Sem...
M51567P MITSUBISHI-M51567P Datasheet
288Kb / 6P
PREAMPLIFIER FOR OPTICAL PICKUP
logo
Maxim Integrated Produc...
MAX3963 MAXIM-MAX3963 Datasheet
650Kb / 6P
155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
MAX3665 MAXIM-MAX3665_05 Datasheet
732Kb / 10P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
Rev 2; 11/05
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
622Mbps Transimpedance Amplifier with AGC
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com