Electronic Components Datasheet Search
  English  ▼

X  

MAX3760ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3760ESA
Description  622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3760ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3760ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
622Mbps, Low-Noise Transimpedance
Preamplifier for LAN and WAN Optical Receivers
_______________________________________________________________________________________
3
110
40
-40
30
100
INPUT-REFERRED NOISE
vs. JUNCTION TEMPERATURE
60
70
50
90
100
80
JUNCTION TEMPERATURE (°C)
-5
65
470MHz BANDWIDTH
CIN = 1.25pF
CIN = 0.25pF
CIN = 0.75pF
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE. INCLUDES PACKAGE
PARASITIC, PIN DIODE, AND PARASITIC
INTERCONNECT CAPACITANCE
80
78
76
10k
100k
10M
10G
SMALL-SIGNAL GAIN
vs. FREQUENCY
62
60
72
70
74
68
FREQUENCY (Hz)
1M
100M
64
66
1G
0
50
100
150
200
0
400
200
600
800
1000
PULSE-WIDTH DISTORTION vs.
INPUT SIGNAL AMPLITUDE
INPUT SIGNAL AMPLITUDE (
µAp-p)
re = 10
622Mbps,
ONE-ZERO PATTERN
0
100
50
250
200
150
350
400
300
450
1.00
10.0 21.5
2.15 4.64
46.4 100 215 464 1000
INPUT-REFERRED RMS NOISE CURRENT
vs. DC INPUT CURRENT
DC INPUT CURRENT (
µA)
CIN = 0.75pF
470MHz BANDWIDTH
1.0
1.3
1.2
1.1
1.4
1.5
1.6
10
150
100
20 50
200 250 300 400 500 600
TYPICAL EYEWIDTH vs. INPUT SIGNAL
INPUT SIGNAL (
µA)
TA = -40°C
TA = +85°C
TA = +25°C
5000
5500
6000
6500
7000
-40
20
-20
0
40
60
80
100
TRANSIMPEDANCE
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
540
420
-40
30
100
TYPICAL BANDWIDTH
vs. JUNCTION TEMPERATURE
460
440
480
500
520
JUNCTION TEMPERATURE (°C)
-5
65
CIN IS SOURCE CAPACITANCE
PRESENTED TO DIE. INCLUDES PACKAGE
PARASITIC, PIN DIODE, AND PARASITIC
INTERCONNECT CAPACITANCE
CIN = 0.25pF
CIN = 0.75pF
CIN = 1.25pF
IN TO-56 HEADER
0
200
400
600
800
0
400
200
600
800
1000
DATA-DEPENDENT JITTER
vs. INPUT SIGNAL AMPLITUDE
INPUT SIGNAL AMPLITUDE (
µAp-p)
223 - 1 PRBS
622Mbps
re = 10
-3.0
-2.4
-2.6
-2.8
-2.0
-2.2
-1.2
-1.4
-1.6
-1.8
-1.0
-40
20
-20
0
40
60
80
100
OUTPUT COMMON-MODE VOLTAGE
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
REFERENCED TO VCC
__________________________________________Typical Operating Characteristics
(MAX3760 EV kit, VCC = +5.0V, COMP = open, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com