Electronic Components Datasheet Search
  English  ▼

X  

MAX3760ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3760ESA
Description  622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3760ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3760ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3760ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
400
500
600
700
800
-40
20
-20
0
40
60
80
100
MAXIMUM OUTPUT SIGNAL AMPLITUDE
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
10mV/
div
50mV
-50mV
200ps/div
EYE DIAGRAM
(INPUT = 10
µA)
223 - 1 PRBS
100mV/
div
500mV
-500mV
200ps/div
EYE DIAGRAM
(INPUT = 1mA)
223 - 1 PRBS
Pin Description
NAME
FUNCTION
1
VCC
Supply-Voltage Input
2
IN
Signal Input
PIN
3
INREF
Input Reference Connection. Connect to photodetector AC ground.
8
COMP
Compensation Capacitor Connection. Connection for optional external compensation capacitor for DC-
cancellation circuit. Add capacitance here to reduce the low-frequency cutoff of the DC cancellation circuit.
Connect COMP directly to GND to disable the DC cancellation circuit.
7
OUT+
Noninverting Voltage Output. Current flowing into the input causes OUT+ to increase.
6
OUT-
Inverting Voltage Output. Current flowing into the input causes OUT- to decrease.
4, 5
GND
Ground
—
FILTER
Filter Connection. Provides positive bias for photodiode through a 1k
Ω resistor to VCC (see the Designing
Filters section). Available on the die only.
622Mbps, Low-Noise Transimpedance
Preamplifier for LAN and WAN Optical Receivers
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX3760 EV kit, VCC = +5.0V, COMP = open, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com